Electronic Components Datasheet Search
  English  ▼

X  

ADM7151 Datasheet(PDF) 38 Page - Analog Devices

Part # ADM7151
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADM7151 Datasheet HTML 34Page - Analog Devices ADM7151 Datasheet HTML 35Page - Analog Devices ADM7151 Datasheet HTML 36Page - Analog Devices ADM7151 Datasheet HTML 37Page - Analog Devices ADM7151 Datasheet HTML 38Page - Analog Devices ADM7151 Datasheet HTML 39Page - Analog Devices ADM7151 Datasheet HTML 40Page - Analog Devices ADM7151 Datasheet HTML 41Page - Analog Devices ADM7151 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
Data Sheet
LT3097
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 38 of 45
Unlike most linear regulators, the LT3097 does not use a voltage
reference. Instead, the LT3097 uses a 100 μA current reference
each for the positive regulator and the negative regulator. The
current reference of the positive regulator operates with a typical
noise-current level of 20 pA/√Hz (6 nA rms over a 10 Hz to 100
kHz bandwidth). The resultant positive voltage noise equals the
current noise multiplied by the SETP resistor value, which, in turn,
is RMS summed with the noise of the error amplifier of the positive
regulator and the thermal noise of the SETP resistor, √4kTRSETP,
where k = Boltzmann’s constant (1.380649 × 10–23J/K), and T is
the absolute temperature. The current reference of the negative
regulator operates with a typical noise-current level of 27 pA/√Hz
(8 nA rms over a 10 Hz to 100 kHz bandwidth). The resultant
negative voltage noise equals the current noise multiplied by the
SETN resistor value, which, in turn, is RMS summed with the noise
of the error amplifier of the negative regulator and the thermal noise
of the SETN resistor, √4kTRSETN, where k = Boltzmann’s constant
(1.380649 × 10–23J/K), and T is the absolute temperature.
One problem that conventional linear regulators face is that the
resistor-divider setting the output voltage gains up the reference
noise. In contrast, the unity-gain follower architecture of the LT3097
presents no gain from the SETP/SETN pin to the positive/negative
output. Therefore, if a capacitor bypasses the SETP/SETN pin
resistor, the positive/negative output noise is independent of the
programmed positive/negative output voltage. The resultant positive
output noise is set just by the noise of the error amplifier of the
positive regulator, typically 2 nV/√Hz from a 10 kHz to 1 MHz
bandwidth and 0.8 μV rms from a 10 Hz to 100 kHz bandwidth
using a 4.7 μF SETP pin capacitor. The resultant negative output
noise is set just by the noise of the error amplifier of the negative
regulator, typically 2.2 nV/√Hz from a 10 kHz to 1 MHz bandwidth
and 0.8 μV rms from a 10 Hz to 100 kHz bandwidth using a 4.7 μF
SETN pin capacitor.
See the Figure 92, Figure 93, Figure 94, Figure 95, Figure 98,
Figure 99, Figure 102, Figure 103, Figure 106, and Figure 107
for the noise spectral density (for the 10 Hz to 10 MHz frequency
range and for the 0.1 Hz to 10 Hz 1/f noise frequency range)
and RMS integrated noise over various load currents and SET pin
capacitance information.
SETP/SETN PIN (BYPASS) CAPACITANCE:
NOISE, PSRR, TRANSIENT RESPONSE, AND
SOFT-START
In addition to reducing output noise, using a SETP/SETN pin
bypass capacitor also improves PSRR and transient performance.
Note that any bypass-capacitor leakage deteriorates the DC regula-
tion of the LT3097. Capacitor leakage of even 100 nA is a 0.1% DC
error. Therefore, Analog Devices, Inc., recommends using a good
quality, low-leakage ceramic capacitor.
Using a SETP/SETN pin bypass capacitor also soft starts the
output and limits inrush current. The RC time constant, formed by
the SETP/SETN pin resistor and capacitor, controls the soft-start
time. The ramp-up rate from 0% to 90% of nominal VOUT is the
following:
tSS≈2.3×RSET×CSET  Fast Start−Up
 Disabled
(1)
FAST STARTUP
For ultra-low noise applications that require low 1/f noise (that is, at
frequencies below 100 Hz), a larger value, SETP/SETN pin capaci-
tor is required of up to 22 μF. Typically, this larger value significantly
increases the start-up time of the regulator. However, the LT3097
incorporates fast start-up circuitry that increases the SETP/SETN
pin current to approximately 2 mA/1.8 mA during startup.
As shown in the Figure 122/Figure 123, the 2 mA/1.8 mA current
source remains engaged while PGFBP/PGFBN is less than 300
mV/-300 mV, unless the regulator is in current limit, dropout, ther-
mal shutdown, or the input voltage is less than the minimum VINP/
VINN.
If the fast start-up capability is not used, connect PGFBP/PGFBN
to INP/INN or to OUTP/OUTN for output voltages more than 300
mV/-300 mV, and note that this also disables the power-good
functionality.
See the Positive Regulator Programmable Power Good and Nega-
tive Regulator Programmable Power Good sections for more infor-
mation.
ENP/UVP
The ENP/UVP pin is used to put the positive regulator into a
micropower shutdown state. The positive regulator of the LT3097
has an accurate 1.24 V turn-on threshold on the ENP/UVP pin
with 130 mV of hysteresis. This threshold can be used with a
resistor-divider from the positive input supply to define an accurate
UVLO threshold for the positive regulator, as shown in the Figure
131. The ENP/UVP pin current (IENP/UVP) at the threshold from
Table 1 must be considered when calculating the resistor-divider
network as follows:
VINP UVLO =1.24 V× 1+RENP2RENP1
+IENP/UVP×RENP2 
(2)
Where:
RENP1 and RENP2 are the resistors from the ENP/UVP pin to GND
and the ENP/UVP pin to INP, respectively.
IENP/UVP can be ignored if RENP1 is less than 100 kΩ. If unused,
connect the ENP/UVP pin to INP.
ENN/UVN
The ENN/UVN pin is used to put the negative regulator into a
micropower shutdown state. The negative regulator of the LT3097
has an accurate -1.26 V turn-on threshold on the ENN/UVN pin with
215 mV of hysteresis. This threshold can be used with a resistor-di-
vider from the negative input supply to define an accurate UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com