Electronic Components Datasheet Search
  English  ▼

X  

ADM7151 Datasheet(PDF) 41 Page - Analog Devices

Part # ADM7151
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADM7151 Datasheet HTML 37Page - Analog Devices ADM7151 Datasheet HTML 38Page - Analog Devices ADM7151 Datasheet HTML 39Page - Analog Devices ADM7151 Datasheet HTML 40Page - Analog Devices ADM7151 Datasheet HTML 41Page - Analog Devices ADM7151 Datasheet HTML 42Page - Analog Devices ADM7151 Datasheet HTML 43Page - Analog Devices ADM7151 Datasheet HTML 44Page - Analog Devices ADM7151 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
Data Sheet
LT3097
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 41 of 45
on thermal resistance and high thermal conductivity test boards,
refer to JEDEC standard JESD-51, JESD51-7, and JESD51-12.
Achieving low thermal resistance necessitates careful PCB layout.
Table 5. Measured Thermal Resistance for DFN Package
Copper Area
Board Area
Thermal
Resistance (θJA)
Top Side1
Bottom Side
2500 mm2
2500 mm2
2500 mm2
34°C/W
1000 mm2
2500 mm2
2500 mm2
35°C/W
225 mm2
2500 mm2
2500 mm2
36°C/W
1 The device is mounted on the topside.
CALCULATING JUNCTION TEMPERATURE
For example, given a positive output voltage of 3.3 V, a positive
input voltage of 5 V ± 5%, a positive output current range from 1
mA to 500 mA, a negative output voltage of −3.3 V, a negative input
voltage of −5 V ± 5%, a negative output current range from 1 mA to
500 mA, and a maximum ambient temperature of 50°C, what is the
maximum junction temperature?
The power dissipation of the positive side of the LT3097 is the
following:
IOUTPMAX× VINPMAX−VOUTP +IGNDP
×VINPMAX
(8)
where:
IOUTP(MAX) = 500 mA.
VINP(MAX) = 5.25 V.
IGNDP (at IOUTP = 500 mA and VINP = 5.25 V) = 12.5 mA.
Therefore, PDISS-POSITIVE = 0.5 A × (5.25 V − 3.3 V) + 12.5 mA ×
5.25 V = 1 W.
The power dissipation of the negative side of the LT3097 is the
following:
IOUTNMAX× VINNMAX−VOUTN +IGNDN
×VINNMAX
(9)
where:
IOUTN(MAX) = 500 mA.
VINN(MAX) = −5.25 V.
IGNDN (at IOUTN = 500 mA and VINN = −5.25 V) = 9 mA.
Therefore, PDISS-NEGATIVE = −0.5 A × (−5.25 V + 3.3 V) + 9 mA ×
5.25 V = 1.02 W.
The total power equals PTOTAL = PDISS-POSITIVE + PDISS-NEGATIVE,
which is 2.02W.
Using a DFN package, the thermal resistance is in the range of
34°C/W to 37°C/W, depending on the copper area. Therefore, the
junction temperature rise above ambient approximately equals 2.02
W × 35°C/W = 70.7°C.
The maximum junction temperature equals the maximum ambient
temperature plus the maximum junction temperature rise above
ambient, which calculates as follows:
TJMAX=50°C+70.7°C=120.7°C
(10)
OVERLOAD RECOVERY
Like many IC power regulators, the LT3097 incorporates SOA pro-
tection. The SOA protection activates at input-to-output differential
voltages greater than 12 V for the positive regulator and 7V for
the negative regulator. The SOA protection decreases the current
limit because the input-to-output differential increases and keeps
the power transistor inside a safe operating region for all values
of input-to-output voltages up to the Absolute Maximum Ratings of
the LT3097. The LT3097 provides some level of output current for
all values of input-to-output differentials. See the Figure 56/Figure
57. When power is first applied, and the input voltage rises, the
output follows the input and keeps the input-to-output differential
low to allow the LDO regulator to supply the large output current
and startup into high-current loads.
Due to current-limit foldback, however, at high-input voltages, a
problem can occur if the output voltage is low, and the load current
is high. Such situations occur after the removal of a short-circuit
or if the ENP/UVP or ENN/UVN pins are pulled high after the
input voltage is already turned on. The load-line, in such cases,
intersects the output-current profile at two points. As a result, the
regulator now has two stable operating points. With this double
intersection, the input-power supply may need to be cycled down
to zero and brought back up again to allow the output to recover.
Other LDO regulators with foldback current-limit protection (such as
the LT3042 and LT3093) also exhibit this phenomenon; therefore, it
is not unique to the LT3097.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com