Electronic Components Datasheet Search
  English  ▼

X  

ADM7151 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM7151
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM7151 Datasheet HTML 3Page - Analog Devices ADM7151 Datasheet HTML 4Page - Analog Devices ADM7151 Datasheet HTML 5Page - Analog Devices ADM7151 Datasheet HTML 6Page - Analog Devices ADM7151 Datasheet HTML 7Page - Analog Devices ADM7151 Datasheet HTML 8Page - Analog Devices ADM7151 Datasheet HTML 9Page - Analog Devices ADM7151 Datasheet HTML 10Page - Analog Devices ADM7151 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Data Sheet
LT3097
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 45
Table 1. Electrical Characteristics (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
PGFBN PIN
Trip Point
PGFBN trip-point rising
288
300
312
mV
Hysteresis
PGFBN trip-point hysteresis
7
mV
Current (IPGFBN)
VINN = –2.3 V, VPGFBN = –300 mV
30
100
nA
PGP PIN
Output Low Voltage
PGP current (IPGP) = 100 µA
30
100
mV
Leakage Current
PGP voltage (VPGP) = 20 V
1
µA
PGN PIN
Output Low Voltage
PGN current (IPGN) = 100 µA
17
50
mV
Leakage Current
PGN voltage (VPGN) = 20 V
1
µA
POSITIVE MINIMUM LOAD REQUIRED17
VOUTP < 1 V
10
µA
NEGATIVE MINIMUM LOAD REQUIRED18
VOUTN > –1.5 V
10
µA
POSITIVE THERMAL SHUTDOWN
TJ rising
165
°C
Hysteresis
8
°C
NEGATIVE THERMAL SHUTDOWN
TJ rising
167
°C
Hysteresis
8
°C
POSITIVE START-UP TIME
VOUTP(NOM) = 5 V, ILP = 500 mA, CSETP = 0.47 µF, VINP =
6 V, VPGFBP = 6 V
55
ms
VOUTP(NOM) = 5 V, ILP = 500 mA, CSETP = 4.7 µF, VINP = 6
V, VPGFBP = 6 V
550
ms
VOUTP(NOM) = 5 V, ILP = 500 mA, CSETP = 4.7 µF, VINP =
6 V, Positive Power-Good 1 resistance (RPGP1) = 50 kΩ,
Positive Power-Good 2 resistance (RPGP2) = 700 kΩ (with
positive fast start-up to 90% of VOUTP)
10
ms
NEGATIVE START-UP TIME
RSETN = 49.9 kΩ, VOUTN(NOM) = –5 V, ILN = 500 mA,
CSETN = 0.47 µF, VINN = –6 V, VPGFBN = –6 V
55
ms
RSETN = 49.9 kΩ, VOUTN(NOM) = –5 V, ILN = 500 mA,
CSETN = 4.7 µF, VINN = –6 V, VPGFBN = –6 V
550
ms
RSETN = 49.9 kΩ, VOUTN(NOM) = –5 V, ILN = 500 mA,
CSETN = 4.7 µF, VINN = –6 V, Negative Power-Good 1
resistance (RPGN1) = 50 kΩ, Negative Power-Good 2
resistance (RPGN2) = 700 kΩ (with negative fast start-up
to 90% of VOUTN)
10
ms
POSITIVE THERMAL REGULATION
10 ms pulse
–0.01
%/W
NEGATIVE THERMAL REGULATION
10 ms pulse
–0.01
%/W
POSITIVE REVERSE CURRENT
Input
VINP = –20 V, VENP/UVP = 0 V, VOUTP = 0 V, VSETP = 0 V
150
µA
Output
VINP = 0 V, VOUTP = 5 V, SETP = open, TA = 25°C
14
25
µA
1 The ENP/UVP pin threshold must be met to ensure device operation.
2 The ENN/UVN pin threshold must be met to ensure device operation.
3 The maximum TJ limits operating conditions. The regulated output-voltage specification does not apply for all possible combinations of input voltage and output current,
especially due to the internal current-limit foldback, which starts to decrease current limit at VINP – VOUTP > 12 V. If operating at the maximum output current, limit the
input-voltage range. If operating at the maximum input voltage, limit the output-current range.
4 The maximum TJ limits operating conditions. The regulated output-voltage specification does not apply for all possible combinations of input voltage and output current,
especially due to the internal current-limit foldback, which starts to decrease the current limit at VOUTN – VINN > 7 V. If operating at the maximum output current, limit the
input-voltage range. If operating at the maximum input voltage, limit the output-current range.
5 OUTSP connects directly to OUTP.
6 OUTSN connects directly to OUTN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com