Electronic Components Datasheet Search
  English  ▼

X  

ADM7151 Datasheet(PDF) 36 Page - Analog Devices

Part # ADM7151
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADM7151 Datasheet HTML 32Page - Analog Devices ADM7151 Datasheet HTML 33Page - Analog Devices ADM7151 Datasheet HTML 34Page - Analog Devices ADM7151 Datasheet HTML 35Page - Analog Devices ADM7151 Datasheet HTML 36Page - Analog Devices ADM7151 Datasheet HTML 37Page - Analog Devices ADM7151 Datasheet HTML 38Page - Analog Devices ADM7151 Datasheet HTML 39Page - Analog Devices ADM7151 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Data Sheet
LT3097
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 36 of 45
put capacitance do decrease peak output deviations during a load
transient. Note that bypass capacitors used to decouple individual
components powered by the LT3097 increase the effective output
capacitance.
Give extra consideration to the type of ceramic capacitors used.
The capacitors are manufactured with a variety of dielectrics, each
with different behaviors across temperature and applied voltage.
The most common dielectrics used are specified with Electronic
Industries Alliance (EIA) temperature characteristic codes of Z5U,
Y5V, X5R, and X7R. The Z5U and Y5V dielectrics are good for
providing high capacitance in the small packages, but these dielec-
trics tend to have stronger voltage and temperature coefficients,
as shown in Figure 127 and Figure 128. When used with a 5 V
regulator, a 16 V, 10 μF Y5V capacitor can exhibit an effective value
as low as 1 μF to 3 μF for the DC bias voltage applied over the
operating temperature range.
Figure 127. Ceramic Capacitor DC Bias Characteristics
Figure 128. Ceramic Capacitor Temperature Characteristics
X5R and X7R dielectrics result in more stable characteristics and
are thus more suitable for the LT3097. The X7R dielectric has better
stability across temperature, while the X5R is less expensive and is
available in higher values. Nonetheless, care must still be exercised
when using X5R and X7R capacitors. The X5R and X7R codes
only specify the operating temperature range and the maximum
capacitance change over temperature. While capacitance changes
due to DC bias for X5R and X7R are better than Y5V and Z5U
dielectrics, it can still be significant enough to drop capacitance
below sufficient levels. As shown in Figure 129, capacitor DC bias
characteristics tend to improve as component case size increases.
However, verification of expected capacitance at the operating
voltage is highly recommended. Due to its good voltage coefficient
in small case sizes, Analog Devices, Inc., recommends using the
Murata GCM series ceramic capacitors.
Figure 129. Capacitor Voltage Coefficient for Different Case Sizes
HIGH VIBRATION ENVIRONMENTS
Voltage and temperature coefficients are not the only sources of
problems. Some ceramic capacitors have a piezoelectric response.
A piezoelectric device generates a voltage across its terminals due
to mechanical stress, similar to how a piezoelectric microphone
works. For a ceramic capacitor, this stress can be induced by me-
chanical vibrations within the system or due to thermal transients.
LT3097 applications in high-vibration environments have three dis-
tinct, piezoelectric noise generators: ceramic output, input, and
SETP/SETN pin capacitors. However, due to the low output impe-
dance over a wide frequency range of the LT3097, negligible output
noise is generated using a ceramic-output capacitor. Similarly, due
to the ultrahigh PSRR of the LT3097, negligible output noise is
generated using a ceramic-input capacitor. Nonetheless, given the
high SETP/SETN pin impedance, any piezoelectric response from
a ceramic SETP/SETN pin capacitor generates significant output
noise, and peak-to-peak excursions of hundreds of mV. However,
due to the high ESR and ESL tolerance of the SETP/SETN pin
capacitor, any non-piezoelectrically responsive (tantalum, electrolyt-
ic, or film) capacitor can be used at the SETP/SETN pin, although
electrolytic capacitors tend to have high 1/f noise. In any case, the
use of a surface-mount capacitor is highly recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com