Electronic Components Datasheet Search
  English  ▼

X  

ADM7151 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM7151
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 5 Page - Analog Devices

  ADM7151 Datasheet HTML 1Page - Analog Devices ADM7151 Datasheet HTML 2Page - Analog Devices ADM7151 Datasheet HTML 3Page - Analog Devices ADM7151 Datasheet HTML 4Page - Analog Devices ADM7151 Datasheet HTML 5Page - Analog Devices ADM7151 Datasheet HTML 6Page - Analog Devices ADM7151 Datasheet HTML 7Page - Analog Devices ADM7151 Datasheet HTML 8Page - Analog Devices ADM7151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
Data Sheet
LT3097
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 45
Table 1. Electrical Characteristics (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ILN = 500 mA, bandwidth = 10 Hz to 100 kHz, CSETN =
4.7 µF, –19.5 V ≤ VOUTN ≤ –1.5 V
0.8
µV rms
ILN = 500 mA, bandwidth = 10 Hz to 100 kHz, CSETN =
4.7 µF, –1.5 V < VOUTN ≤ 0 V
1.8
µV rms
POSITIVE OUTPUT PEAK-TO-PEAK 1/F NOISE5, 11
ILP = 500 mA, bandwidth = 0.1 Hz to 10 Hz, CSETP = 4.7
µF, VOUTP = 3.3 V
27
µV p-p
ILP = 500 mA, bandwidth = 0.1 Hz to 10 Hz, CSETP = 22
µF, VOUTP = 3.3 V
10
µV p-p
NEGATIVE OUTPUT PEAK-TO-PEAK 1/F NOISE6, 12
ILN = 500 mA, bandwidth = 0.1 Hz to 10 Hz, CSETN = 4.7
µF, VOUTN = –3.3 V
6
µV p-p
ILN = 500 mA, bandwidth = 0.1 Hz to 10 Hz, CSETN = 22
µF, VOUTN = –3.3 V
3.2
µV p-p
POSITIVE REFERENCE CURRENT RMS OUTPUT
NOISE5, 11
Bandwidth = 10 Hz to 100 kHz
6
nA rms
NEGATIVE REFERENCE CURRENT RMS OUTPUT
NOISE6, 12
Bandwidth = 10 Hz to 100 kHz
8
nA rms
POSITIVE POWER-SUPPLY REJECTION RATIO (PSRR)
1.3 V ≤ VOUTP ≤ 15 V (VINP – VOUTP = 2 V (Avg)5, 11)
Ripple voltage (VRIPPLE) = 500 mV p-p, ripple frequency
(fRIPPLE) = 120 Hz, ILP = 500 mA, CSETP = 4.7 µF
117
dB
VRIPPLE = 150 mV p-p, fRIPPLE = 10 kHz, ILP = 500 mA,
CSETP = 0.47 µF
90
dB
VRIPPLE = 150 mV p-p, fRIPPLE = 100 kHz, ILP = 500 mA,
CSETP = 0.47 µF
77
dB
VRIPPLE = 150 mV p-p, fRIPPLE = 1 MHz, ILP = 500 mA,
CSETP = 0.47 µF
76
dB
VRIPPLE = 80 mV p-p, fRIPPLE = 10 MHz, ILP = 500 mA,
CSETP = 0.47 µF
53
dB
0 V ≤ VOUTP < 1.3 V (VINP – VOUTP = 2 V (Avg)5, 11)
VRIPPLE = 500 mV p-p, fRIPPLE = 120 Hz, ILP = 500 mA,
CSETP = 0.47 µF
104
dB
VRIPPLE = 50 mV p-p, fRIPPLE = 10 kHz, ILP = 500 mA,
CSETP = 0.47 µF
85
dB
VRIPPLE = 50 mV p-p, fRIPPLE = 100 kHz, ILP = 500 mA,
CSETP = 0.47 µF
72
dB
VRIPPLE = 50 mV p-p, fRIPPLE = 1 MHz, ILP = 500 mA,
CSETP = 0.47 µF
64
dB
VRIPPLE = 50 mV p-p, fRIPPLE = 10 MHz, ILP = 500 mA,
CSETP = 0.47 µF
54
dB
NEGATIVE POWER-SUPPLY REJECTION RATIO
(PSRR)
–18 V ≤ VOUTN ≤ –1.5 V (VINN – VOUTN = 2 V (Avg)6, 12) VRIPPLE = 500 mV p-p, fRIPPLE = 120 Hz, ILN = 500 mA,
CSETN = 4.7 µF
108
dB
VRIPPLE = 500 mV p-p, fRIPPLE = 10 kHz, ILN = 500 mA,
CSETN = 0.47 µF
94
dB
VRIPPLE = 500 mV p-p, fRIPPLE = 100 kHz, ILN = 500 mA,
CSETN = 0.47 µF
75
dB
VRIPPLE = 500 mV p-p, fRIPPLE = 1 MHz, ILN = 500 mA,
CSETN = 0.47 µF
74
dB
VRIPPLE = 500 mV p-p, fRIPPLE = 10 MHz, ILN = 500 mA,
CSETN = 0.47 µF
28
dB
–1.5 V < VOUTN ≤ 0 V (VINN – VOUTN = 2 V (Avg)6, 12)
VRIPPLE = 500 mV p-p, fRIPPLE = 120 Hz, ILN = 500 mA,
CSETN = 4.7 µF
108
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com