Electronic Components Datasheet Search
  English  ▼

X  

ADM7151 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM7151
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 4 Page - Analog Devices

  ADM7151 Datasheet HTML 1Page - Analog Devices ADM7151 Datasheet HTML 2Page - Analog Devices ADM7151 Datasheet HTML 3Page - Analog Devices ADM7151 Datasheet HTML 4Page - Analog Devices ADM7151 Datasheet HTML 5Page - Analog Devices ADM7151 Datasheet HTML 6Page - Analog Devices ADM7151 Datasheet HTML 7Page - Analog Devices ADM7151 Datasheet HTML 8Page - Analog Devices ADM7151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Data Sheet
LT3097
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 45
Table 1. Electrical Characteristics (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VSETP = 0 V to 1.3 V, VINP = 20 V, ILP = 1 mA5
0.3
2
mV
CHANGE IN VOSN WITH VSETN
VSETN = –1.5 V to –19.5 V, VINN = –20 V, ILN = 1 mA6
0.02
0.5
mV
VSETN = 0 V to –1.5 V, VINN = –20 V, ILN = 1 mA6
0.15
2
mV
POSITIVE DROPOUT VOLTAGE7
ILP = 1 mA and 50 mA, TA = 25°C
220
275
mV
ILP = 1 mA and 50 mA
330
mV
ILP = 300 mA, TA = 25°C
220
280
mV
ILP = 300 mA
350
mV
ILP = 500 mA, TA = 25°C
260
350
mV
ILP = 500 mA
450
mV
NEGATIVE DROPOUT VOLTAGE8
ILN = 1 mA and 50 mA, TA = 25°C
185
225
mV
ILN = 1 mA and 50 mA
275
mV
ILN = 100 mA, TA = 25°C
185
230
mV
ILN = 100 mA
280
mV
ILN = 500 mA, TA = 25°C
225
310
mV
ILN = 500 mA
410
mV
POSITIVE GND PIN CURRENT, VINP = VOUTP (NOMINAL)9
ILP = 10 µA
2.2
mA
ILP = 1 mA
2.4
4
mA
ILP = 50 mA
3.5
5.5
mA
ILP = 100 mA
4.3
7
mA
ILP = 500 mA
15
25
mA
NEGATIVE GND PIN CURRENT, VINN = VOUTN (NOMINAL)10 ILN = 10 µA
2.35
mA
ILN = 1 mA
2.4
4
mA
ILN = 50 mA
3.1
5.5
mA
ILN = 100 mA
3.8
6.5
mA
ILN = 500 mA
12
23
mA
POSITIVE OUTPUT NOISE5, 11
ILP = 500 mA, frequency = 10 Hz, CSETP = 0.47 µF, VOUTP
= 3.3 V
500
nV/√Hz
ILP = 500 mA, frequency = 10 Hz, CSETP = 4.7 µF, 1.3 V ≤
VOUTP ≤ 15 V
70
nV/√Hz
ILP = 500 mA, frequency = 10 kHz, CSETP = 0.47 µF, 1.3
V ≤ VOUTP ≤ 15 V
2
nV/√Hz
ILP = 500 mA, frequency = 10 kHz, CSETP = 0.47 µF, 0 V
≤ VOUTP < 1.3 V
5
nV/√Hz
NEGATIVE OUTPUT NOISE6, 12
ILN = 500 mA, frequency = 10 Hz, CSETN = 0.47 µF,
VOUTN = –3.3 V
700
nV/√Hz
ILN = 500 mA, frequency = 10 Hz, CSETN = 4.7 µF, –19.5
V ≤ VOUTN ≤ –1.5 V
70
nV/√Hz
ILN = 500 mA, frequency = 10 kHz, CSETN = 0.47 µF,
–19.5 V ≤ VOUTN ≤ –1.5 V
2.2
nV/√Hz
ILN = 500 mA, frequency = 10 kHz, CSETN = 0.47 µF, –1.5
V < VOUTN ≤ 0 V
6
nV/√Hz
POSITIVE OUTPUT RMS NOISE5, 11
ILP = 500 mA, bandwidth = 10 Hz to 100 kHz, CSETP =
0.47 µF, VOUTP = 3.3 V
2.5
µV rms
ILP = 500 mA, bandwidth = 10 Hz to 100 kHz, CSETP = 4.7
µF, 1.3 V ≤ VOUTP ≤ 15 V
0.8
µV rms
ILP = 500 mA, bandwidth = 10 Hz to 100 kHz, CSETP = 4.7
µF, 0 V ≤ VOUTP < 1.3 V
1.8
µV rms
NEGATIVE OUTPUT RMS NOISE6, 12
ILN = 500 mA, bandwidth = 10 Hz to 100 kHz, CSETN =
0.47 µF, VOUTN = –3.3 V
3
µV rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com