Electronic Components Datasheet Search
  English  ▼

X  

ADM7151 Datasheet(PDF) 35 Page - Analog Devices

Part # ADM7151
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADM7151 Datasheet HTML 31Page - Analog Devices ADM7151 Datasheet HTML 32Page - Analog Devices ADM7151 Datasheet HTML 33Page - Analog Devices ADM7151 Datasheet HTML 34Page - Analog Devices ADM7151 Datasheet HTML 35Page - Analog Devices ADM7151 Datasheet HTML 36Page - Analog Devices ADM7151 Datasheet HTML 37Page - Analog Devices ADM7151 Datasheet HTML 38Page - Analog Devices ADM7151 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
Data Sheet
LT3097
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 35 of 45
ror-amplifier gain is needed to amplify the SETP/SETN pin voltage
to a higher output voltage, output load regulation is more tightly
specified in the hundreds of microvolts range and not as a fixed
percentage of the output voltage.
Because the zero temperature-coefficient current source is highly
accurate, the SETP/SETN pin resistor can become a limiting factor
in achieving high accuracy. Therefore, the SETP/SETN pin resistor
must be a precision resistor. Additionally, any leakage paths to or
from the SETP/SETN pin create errors in the output voltage. Use
high-quality insulation (for example, Teflon or Kel-F) if necessary.
Moreover, cleaning of all insulating surfaces to remove fluxes and
other residues can be required. High-humidity environments can
require a surface coating at the SETP/SETN pin to provide a
moisture barrier.
Minimize board leakage by encircling the SETP/SETN pin with
a guard ring that operates at a potential close to itself, ideally
connected to the OUTP/OUTN pins. Guarding both sides of the
circuit board is recommended. Bulk leakage reduction depends
on the guard-ring width. Leakages of 100 nA into or out of the
SETP/SETN pin creates a 0.1% error in the reference voltage.
Leakages of this magnitude, coupled with other sources of leakage,
can cause significant errors in the output voltage, especially over a
wide operating temperature range. Figure 125 illustrates a typical
guard-ring layout technique.
Figure 125. Guard Ring Layout
Because the SETP/SETN pin is a high-impedance node, unwanted
signals can couple into the SETP/SETN pin and cause erratic
behavior, which is most noticeable when operating with a minimum
output capacitor at heavy load currents. Bypassing the SETP/SETN
pin with a small capacitance to ground resolves this issue, 10 nF
is sufficient. For applications requiring higher accuracy or an adjust-
able output voltage, the SETP/SETN pin can be actively driven
by an external voltage source capable of sinking/sourcing 100 μA.
Connecting a precision-voltage reference to the SETP/SETN pin
eliminates any errors in the output voltage due to the reference
current and SETP/SETN pin resistor tolerances.
OUTPUT SENSING AND STABILITY
The OUTSP/OUTSN pin of the LT3097 provides a Kelvin-sense
connection to the output. The GND side of the SETP/SETN pin
resistor provides a Kelvin-sense connection to the GND side of the
load.
Additionally, for ultra-high PSRR, the LT3097 bandwidth of the pos-
itive and negative regulator is made quite high (~1 MHz), making
it close to the self-resonance frequency (~1.6 MHz) of a typical 10
μF (1206 case size), ceramic-output capacitor. Therefore, avoiding
adding extra impedance (ESR and ESL) outside the feedback loop
is important. To that end, as shown in Figure 126, minimize the
effects of PCB trace and solder inductance by connecting the
OUTSP/OUTSN pin directly to COUTP/COUTN and the GND side of
CSETP/CSETN directly to the GND side of COUTP/COUTN, as well as
keeping the GND sides of CINP/CINN and COUTP/COUTN reasonably
close. Refer to the LT3097 evaluation board user guide (EVAL-
LT3097-AZ) for more information on the recommended layout that
meets these requirements. While the LT3097 is robust enough not
to oscillate if the recommended layout is not followed, depending
on the actual layout, phase and gain margin, noise, and PSRR
performance can degrade.
Figure 126. COUTP/COUTN and CSETP/CSETN Connections for Best Performance
STABILITY AND OUTPUT CAPACITANCE
The LT3097 requires an output capacitor for stability. Given its high
bandwidth, Analog Devices, Inc., recommends low ESR and ESL
ceramic capacitors. For the positive regulator, a minimum of 10
μF capacitance with an ESR of less than 20 mΩ and an ESL of
less than 2 nH is required for stability. For the negative regulator, a
minimum of 10 μF capacitance with an ESR of less than 30 mΩ and
an ESL of less than 1.5 nH is required for stability.
Given the high PSRR and low-noise performance attained using
a single 10 μF ceramic-output capacitor, larger values of output
capacitor only marginally improve the performance because the
regulator bandwidth decreases with increasing output capacitance
— hence, there is little to be gained by using larger than the
minimum 10µF output capacitor. Nonetheless, larger values of out-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com