Electronic Components Datasheet Search
  English  ▼

X  

ADM7151 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM7151
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM7151 Datasheet HTML 6Page - Analog Devices ADM7151 Datasheet HTML 7Page - Analog Devices ADM7151 Datasheet HTML 8Page - Analog Devices ADM7151 Datasheet HTML 9Page - Analog Devices ADM7151 Datasheet HTML 10Page - Analog Devices ADM7151 Datasheet HTML 11Page - Analog Devices ADM7151 Datasheet HTML 12Page - Analog Devices ADM7151 Datasheet HTML 13Page - Analog Devices ADM7151 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Data Sheet
LT3097
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 10 of 45
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2
INP
Positive Input. The INP pins supply power to the positive regulator. The LT3097 requires a bypass capacitor at the INP pin. In general, the
output impedance of a battery rises with frequency; therefore, it is best practice to include a bypass capacitor in battery-powered applications.
While a 4.7 µF input bypass capacitor generally suffices, applications with large load transients can require higher input capacitance to prevent
input-supply droop. See Stability and Input Capacitance and PSRR and Input Capacitance sections on the proper use of a positive input
capacitor and its effect on circuit performance, particularly positive regulator PSRR. The LT3097 withstands reverse voltages on INP for GND,
OUTSP, and OUTP. In the case of a reversed input, which occurs if a battery is plugged in backward, the LT3097 positive regulator acts as if a
diode is in series with its input. Therefore, no reverse current flows into the LT3097, and no negative voltage appears at the positive load. The
positive regulator protects itself and the load.
3
ENP/UVP
Positive Enable and UVLO. Pulling the ENP/UVP pin low moves the LT3097 positive regulator to shutdown mode. The positive quiescent
current in shutdown mode drops to less than 1 µA, and the positive output voltage turns off. Alternatively, the ENP/UVP pin can set a positive
input-supply UVLO threshold using a resistor-divider between INP, ENP/UVP, and GND. The LT3097 positive regulator typically turns on when
the ENP/UVP voltage exceeds 1.24 V on its rising edge, with a 130 mV hysteresis on its falling edge. The ENP/UVP pin can be driven above
the positive input voltage and maintain proper functionality. If unused, connect ENP/UVP to INP. Do not float the ENP/UVP pin.
4
PGP
Positive Power Good. PGP is an open-collector flag that indicates positive output-voltage regulation. PGP pulls low if PGFBP is less than 300
mV. If the power-good functionality is not needed, float the PGP pin. The positive power-good functionality is disabled in shutdown. See the
Positive Regulator Programmable Power Good section if power-good functionality is needed in shutdown. A parasitic substrate diode exists
between the PGP and GND pin of the LT3097; therefore, do not drive PGP more than 0.3 V below GND during normal operation or a fault
condition.
5
ILIMP
Positive Regulator Current-Limit Programming Pin. Connecting a resistor between ILIMP and GND programs the current limit. For best
accuracy, Kelvin connects this resistor directly to the GND pin of the LT3097. The programming-scale factor is nominally 150 mA × kΩ. The
ILIMP pin sources current proportional (1:500) to the positive output current. Therefore, ILIMP also serves as a current-monitoring pin with a 0
V to 300 mV range. If the programmable current-limit functionality is not needed, connect ILIMP to GND. Do not float the ILIMP pin. A parasitic
substrate diode exists between the ILIMP and GND pin of the LT3097; therefore, do not drive ILIMP more than 0.3 V below GND during normal
operation or a fault condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com