Electronic Components Datasheet Search
  English  ▼

X  

ADM7151 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM7151
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 1 Page - Analog Devices

  ADM7151 Datasheet HTML 1Page - Analog Devices ADM7151 Datasheet HTML 2Page - Analog Devices ADM7151 Datasheet HTML 3Page - Analog Devices ADM7151 Datasheet HTML 4Page - Analog Devices ADM7151 Datasheet HTML 5Page - Analog Devices ADM7151 Datasheet HTML 6Page - Analog Devices ADM7151 Datasheet HTML 7Page - Analog Devices ADM7151 Datasheet HTML 8Page - Analog Devices ADM7151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Data Sheet
LT3097
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout
Linear Regulator
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultra-low output RMS noise: 0.8 μV rms (10 Hz to 100 kHz)
►
Ultra-low output noise spectral density: 2 nV/√Hz (Positive) and
2.2 nV/√Hz (Negative) at 10 kHz
►
Ultra-low 1/f noise: 10 µV p-p (Positive) and 3.2 µV p-p (Nega-
tive) (0.1 Hz to 10 Hz)
►
Ultra-high PSRR: 76 dB (Positive) and 74 dB (Negative) at 1
MHz
►
Output current: 500 mA
►
Wide input voltage range: ±1.8 V to ±20 V
►
Single capacitor per channel improves noise and PSRR
►
SET pin current: 100 µA, ±1% initial accuracy
►
Single resistor per channel programs output voltage
►
Programmable current limit
►
Low-dropout voltage: 260 mV (Positive) and 235 mV (Negative)
►
Output voltage range: 0 V to 15 V (Positive) and 0 V to –19.5 V
(Negative)
►
Programmable power good
►
Fast start-up capability
►
Precision enable/undervoltage lockout (UVLO)
►
Internal current limit with foldback
►
Minimum output capacitor: 10 µF ceramic
►
Compact, low-profile, 22-lead, 6 mm × 3 mm, Plastic DFN
package
TYPICAL APPLICATION
Figure 1. Typical Application
APPLICATIONS
►
Bipolar very low-noise power supplies
►
RF power supplies: phase-locked loops, voltage-controlled oscil-
lators, mixers, low-noise amplifiers, and power amplifiers
►
Low-noise instrumentation
►
High-speed and high-precision data converters
►
Medical applications: imaging and diagnostics
►
Precision power supplies
►
Postregulator for switching supplies
GENERAL DESCRIPTION
The LT3097 is a dual, positive and negative, high-performance,
low-dropout linear regulator featuring Analog Devices, Inc., ultra-
low noise and ultra-high power supply rejection ratio (PSRR) archi-
tecture for powering noise-sensitive applications. Each regulator
delivers up to 500 mA with a typical 260 mV/235 mV (positive/nega-
tive) dropout voltage.
Operating quiescent current is nominally 2.2 mA/2.35 mA (posi-
tive/negative) and drops to 0.3 µA/3 µA (positive/negative) in shut-
down. The LT3097 has a wide output voltage range (0 V to 15 V,
positive and 0 V to -19.5 V, negative) error amplifier that operates
in unity-gain and provides virtually constant output noise, PSRR,
bandwidth and load regulation, independent of the programmed
output voltage.
LT3097 is stable with a minimum 10 μF ceramic output capacitor for
each channel. Built-in protection includes internal current limit with
foldback and thermal limit with hysteresis. The positive regulator
also includes reverse-battery protection and reverse-current protec-
tion. The LT3097 is available in a thermally enhanced, 22-lead 6
mm × 3 mm, Plastic dual-flat no-leads (DFN) package.
Figure 2. PSRR vs. Frequency


Similar Part No. - ADM7151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM7151 AD-ADM7151 Datasheet
840Kb / 23P
High PSRR, RF Linear Regulator
REV. A
ADM7151 AD-ADM7151 Datasheet
1Mb / 24P
High PSRR, RF Linear Regulator
REV. A
ADM7151 AD-ADM7151 Datasheet
1,022Kb / 23P
High PSRR, RF Linear Regulator
REV. A
ADM7151 AD-ADM7151 Datasheet
1Mb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
ADM7151ACP AD-ADM7151ACP Datasheet
739Kb / 24P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
8/2016-Rev. B to Rev. C
More results

Similar Description - ADM7151

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Texas Instruments
TPS735 TI-TPS735 Datasheet
586Kb / 16P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501 TI-TPS73501 Datasheet
807Kb / 18P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_101 TI-TPS735XX_101 Datasheet
951Kb / 23P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI1-TPS735XX_11 Datasheet
814Kb / 27P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
MAY2011
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com