Electronic Components Datasheet Search
  English  ▼

X  

AT25DF021A Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # AT25DF021A
Description  AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 29Page - Renesas Technology Corp AT25DF021A Datasheet HTML 30Page - Renesas Technology Corp AT25DF021A Datasheet HTML 31Page - Renesas Technology Corp AT25DF021A Datasheet HTML 32Page - Renesas Technology Corp AT25DF021A Datasheet HTML 33Page - Renesas Technology Corp AT25DF021A Datasheet HTML 34Page - Renesas Technology Corp AT25DF021A Datasheet HTML 35Page - Renesas Technology Corp AT25DF021A Datasheet HTML 36Page - Renesas Technology Corp AT25DF021A Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
DS-AT25DF021A-042 Rev. J
Page 33
12/22/22
© 2022 Renesas Electronics
AT25DF021A Datasheet
reset when an operation aborts prematurely, the entire opcode for a program, erase, Protect Sector, Unprotect
Sector, or Write Status Register command must have been clocked into the device.
11.1.7
RDY/BSY Bit
The RDY/BSY bit is used to determine whether or not an internal operation, such as a program or erase, is in
progress. To poll the RDY/BSY bit to detect the completion of a program or erase cycle, new Status Register data
must be continually clocked out of the device until the state of the RDY/BSY bit changes from a logical 1 to a
logical 0.Note that the RDY/BSY bit can be read either from Status Register Byte 1 or from Status Register Byte 2.
See also the Active Status Interrupt command. (11.2)
Figure 26. Read Status Register
11.1.8
RSTE Bit
The RSTE bit is used to enable or disable the Reset command. When the RSTE bit is in the Logical 0 state (the
default state after power-up), the Reset command is disabled and any attempts to reset the device using the
Reset command is ignored. When the RSTE bit is in the Logical 1 state, the Reset command is enabled.
The RSTE bit retains its state as long as power is applied to the device. Once set to the Logical 1 state, the RSTE
bit remains in that state until it is modified using the Write Status Register Byte 2 command or until the device has
been power cycled. The Reset command itself does not change the state of the RSTE bit.
Table 10. Status Register Format – Byte 2
Bit[1]
1. Only bit 4 of Status Register Byte 2 is modified when using the Write Status Register Byte 2 command
Name
Type[2])
2. R/W = Readable and Writeable, R = Readable only.
Description
7
RES
Reserved for future use
R
0
Reserved for future use
6
RES
Reserved for future use
R
0
Reserved for future use
5
RES
Reserved for future use
R
0
Reserved for future use
4
RSTE
Reset Enabled
R/W
0
Reset command is disabled (default)
1
Reset command is enabled
3
RES
Reserved for future use
R
0
Reserved for future use
2
RES
Reserved for future use
R
0
Reserved for future use
1
RES
Reserved for future use
R
0
Reserved for future use
0
RDY/BSY
Ready/Busy Status
R
0
Device is ready
1
Device is busy with an internal operation
SCK
CS
SI
SO
MSB
23
1
0
00000101
67
5
410 11
9
812
21 22
17
20
19
18
15 16
13 14
23 24
OPCODE
MSB
MSB
DDDDDD
DD
D
D
MSB
DDDDDD
D
D
STATUS REGISTER BYTE1
STATUS REGISTER BYTE2
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com