Electronic Components Datasheet Search
  English  ▼

X  

AT25DF021A Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # AT25DF021A
Description  AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 14Page - Renesas Technology Corp AT25DF021A Datasheet HTML 15Page - Renesas Technology Corp AT25DF021A Datasheet HTML 16Page - Renesas Technology Corp AT25DF021A Datasheet HTML 17Page - Renesas Technology Corp AT25DF021A Datasheet HTML 18Page - Renesas Technology Corp AT25DF021A Datasheet HTML 19Page - Renesas Technology Corp AT25DF021A Datasheet HTML 20Page - Renesas Technology Corp AT25DF021A Datasheet HTML 21Page - Renesas Technology Corp AT25DF021A Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
DS-AT25DF021A-042 Rev. J
Page 18
12/22/22
© 2022 Renesas Electronics
AT25DF021A Datasheet
programmed at address 000000h. The remaining bytes in the page (addresses 000001h through 0000FDh) are
not programmed and remain in the erased state (FFh).
When the CS pin is deasserted, the device programs the data stored in the internal buffer into the appropriate
memory array locations based on the starting address specified by A23-A0 and the number of data bytes sent to
the device. If fewer than 256 bytes of data is sent to the device, then the remaining bytes within the page are not
programmed and remain in the erased state (FFh). The programming of the data bytes is internally self-timed and
takes place in a time of tPP or tBP if only programming a page (tPP) or a single byte (tBP).
The three address bytes and at least one complete byte of data must be clocked into the device before the CS pin
is deasserted, and the CS pin must be deasserted on even byte boundaries (multiples of eight bits); otherwise, the
device aborts the operation and no data are programmed into the memory array. In addition, if the address
specified by A23-A0 points to a memory location within a sector that is in the protected state (see “Protect Sector”
on page 24), then the Byte/Page Program command is not executed and the device returns to the idle state once
the CS pin has been deasserted. The WEL bit in the Status Register is reset back to the Logical 0 state if the
program cycle aborts due to an incomplete address being sent, an incomplete byte of data being sent, the CS pin
being deasserted on uneven byte boundaries, or because the memory location to be programmed is protected or
locked down.
While the device is programming, the Status Register can be read and indicates that the device is busy. For faster
throughput, it is recommended that the Status Register be polled rather than waiting the tBP or tPP time to
determine if the data bytes have finished programming. For fastest throughput and least power consumption, it is
recommended that the Active Status Interrupt command 25h be used. At some point before the program cycle
completes, the WEL bit in the Status Register is reset back to the Logical 0 state.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to
program properly. If a programming error arises, it is indicated by the EPE bit in the Status Register.
Figure 13. Dual-Input Byte Program
Figure 14. Dual-Input Page Program
SCK
CS
SI (SIO)
SO (SOI)
MSB
MSB
23
1
0
10100010
67
5
410 11
9
812
33
35
34
31 32
29 30
Opcode
AAAA
AAA
AA
Address Bits A23-A0
MSB
D7
D6
D5
D4
D3
D2
D1
D0
Input
Data Byte
High-Impedance
SCK
CS
SI (SIO)
SO (SOI)
MSB
MSB
23
1
0
10100010
67
5
410 11
9
812
39
37 38
33
36
35
34
31 32
29 30
Opcode
AAAA
AAA
AA
MSB
MSB
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Address Bits A23-A0
Input
Data Byte 1
MSB
D7
D6
D5
D4
D3
D2
D1
D0
Input
Data Byte n
Input
Data Byte 2
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com