Electronic Components Datasheet Search
  English  ▼

X  

AT25DF021A Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # AT25DF021A
Description  AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 40Page - Renesas Technology Corp AT25DF021A Datasheet HTML 41Page - Renesas Technology Corp AT25DF021A Datasheet HTML 42Page - Renesas Technology Corp AT25DF021A Datasheet HTML 43Page - Renesas Technology Corp AT25DF021A Datasheet HTML 44Page - Renesas Technology Corp AT25DF021A Datasheet HTML 45Page - Renesas Technology Corp AT25DF021A Datasheet HTML 46Page - Renesas Technology Corp AT25DF021A Datasheet HTML 47Page - Renesas Technology Corp AT25DF021A Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
DS-AT25DF021A-042 Rev. J
Page 44
12/22/22
© 2022 Renesas Electronics
AT25DF021A Datasheet
13. Electrical Specifications
13.3 DC Characteristics (-40°C to +85°C)
13.1 Absolute Maximum Ratings*
Temperature under Bias . . . . . . . -55
°C to +125°C
*Notice: Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only
and functional operation of the device at these or
any other conditions beyond those indicated in
the operational sections of this specification is
not implied. Exposure to absolute maximum
rating conditions for extended periods may affect
device reliability.
Storage Temperature. . . . . . . . . . -65
°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground. . . . . . . . . -0.6 V to +4.1 V
All Output Voltages
with Respect to Ground. . . . .-0.6 V to VCC + 0.5 V
13.2 DC and AC Operating Range
Operating Temperature (Case)
-40
°C to +85°C (VCC Power Supply 1.65 V to 3.6 V)
-40
°C to +125°C (VCC Power Supply 1.7 V to 3.6 V)
Symbol
Parameter
Condition
1.65 V to 3.6 V
2.3 V to 3.6 V
Units
Min
Typ
Max
Min
Typ
Max
IUDPD
Ultra-Deep Power-
Down Current
CS = VCC. All other inputs
at 0 V or VCC
0.2
0.6
0.35
0.6
µA
IDPD[1]
1. Max. specification is 20
µA @ 85°C
Deep Power-Down
Current
CS = VCC. All other inputs
at 0 V or VCC
4.5
15
5
15
µA
ISB
Standby Current
CS = VCC. All other inputs
at 0 V or VCC
25
40
25
40
µA
ICC1[2][3]
2. Typical values measured at 1.8 V @ 25°C for the 1.65 V to 3.6 V range.
3. Typical values measured at 3.0 V @ 25°C for the 2.3 V to 3.6 V range.
Active Current, Low
Power Read (03h,
0Bh) Operation
f = 1 MHz; IOUT = 0 mA
4.5
6
5
6
mA
f = 20 MHz; IOUT = 0 mA
5
7
6
7
mA
ICC2[2][3]
Active Current,
Read Operation
f = 50 MHz; IOUT = 0 mA
5
7
6
7
mA
f = 85 MHz; IOUT = 0 mA
5
7
6
7
mA
ICC3[2][3]
Active Current,
Program Operation
CS = VCC
11
14
12
14
mA
ICC4[2][3]
Active Current,
Erase Operation
CS = VCC
11
14
12
14
mA
ILI
Input Load Current
All inputs at CMOS levels
1
1
µA
ILO
Output Leakage
Current
All inputs at CMOS levels
1
1
µA
VIL
Input Low Voltage
VCC x 0.2
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.8
VCC x 0.7
V
VOL
Output Low Voltage
IOL = 100 µA
0.2
0.4
V
VOH
Output High Voltage
IOH = -100 µA
VCC - 0.2 V
VCC - 0.2V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com