Electronic Components Datasheet Search
  English  ▼

X  

AT25DF021A Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # AT25DF021A
Description  AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 33Page - Renesas Technology Corp AT25DF021A Datasheet HTML 34Page - Renesas Technology Corp AT25DF021A Datasheet HTML 35Page - Renesas Technology Corp AT25DF021A Datasheet HTML 36Page - Renesas Technology Corp AT25DF021A Datasheet HTML 37Page - Renesas Technology Corp AT25DF021A Datasheet HTML 38Page - Renesas Technology Corp AT25DF021A Datasheet HTML 39Page - Renesas Technology Corp AT25DF021A Datasheet HTML 40Page - Renesas Technology Corp AT25DF021A Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
DS-AT25DF021A-042 Rev. J
Page 37
12/22/22
© 2022 Renesas Electronics
AT25DF021A Datasheet
12. Other Commands and Functions
12.1 Read Manufacturer and Device ID
Identification information can be read from the device to enable systems to electronically query and identify the
device while it is in system. The identification method and the command opcode comply with the JEDEC standard
for “Manufacturer and Device ID Read Methodology for SPI Compatible Serial Interface Memory Devices”. The
type of information that can be read from the device includes the JEDEC defined Manufacturer ID, the vendor
specific Device ID, and the vendor specific Extended Device Information.
Since not all Flash devices are capable of operating at very high clock frequencies, applications must be designed
to read the identification information from the devices at a reasonably low clock frequency to ensure all devices
used in the application can be identified properly. Once the identification process is complete, the application can
increase the clock frequency to accommodate specific Flash devices that are capable of operating at the higher
clock frequencies.
To read the identification information, the CS pin must first be asserted and the opcode of 9Fh must be clocked
into the device. After the opcode has been clocked in, the device begins outputting the identification data on the
SO pin during the subsequent clock cycles. The first byte that is output is the Manufacturer ID followed by two
bytes of Device ID information. The fourth byte output is the Extended Device Information String Length, which is
00h indicating that no Extended Device Information follows. After the Extended Device Information String Length
byte is output, the SO pin goes into a high-impedance state; therefore, additional clock cycles have no affect on
the SO pin and no data are output. As indicated in the JEDEC standard, reading the Extended Device Information
String Length and any subsequent data is optional.Deasserting the CS pin terminates the Manufacturer and
Device ID read operation and put the SO pin into a high-impedance state. The CS pin can be deasserted at any
time and does not require that a full byte of data be read.
Table 13. Manufacturer and Device ID Information
Byte No.
Data Type
Value
1
Manufacturer ID
1Fh
2
Device ID (Part 1)
43h
3
Device ID (Part 2)
01h
4
Extended Device Information String Length
00h
Table 14. Manufacturer and Device ID Details
Data Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Hex
Value
Details
Manufacturer
ID
JEDEC Assigned Code
1Fh
JEDEC Code:0001 1111 (1Fh for Renesas
Electronics)
00011111
Device ID (Part
1)
Family Code
Density Code
43h
Family Code:010 (AT25F/AT25DFxxx
series)
Density Code:00011 (2-Mbit)
01000011
Device ID (Part
2)
Sub Code
Product Version Code
01h
Sub Code:000 (Standard series)
Product Version:00001
00000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com