Electronic Components Datasheet Search
  English  ▼

X  

AT25DF021A Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # AT25DF021A
Description  AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 16Page - Renesas Technology Corp AT25DF021A Datasheet HTML 17Page - Renesas Technology Corp AT25DF021A Datasheet HTML 18Page - Renesas Technology Corp AT25DF021A Datasheet HTML 19Page - Renesas Technology Corp AT25DF021A Datasheet HTML 20Page - Renesas Technology Corp AT25DF021A Datasheet HTML 21Page - Renesas Technology Corp AT25DF021A Datasheet HTML 22Page - Renesas Technology Corp AT25DF021A Datasheet HTML 23Page - Renesas Technology Corp AT25DF021A Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
DS-AT25DF021A-042 Rev. J
Page 20
12/22/22
© 2022 Renesas Electronics
AT25DF021A Datasheet
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to
program properly. If a programming error arises, it is indicated by the EPE bit in the Status Register.
Figure 15. Sequential Program Mode – Status Register Polling
Figure 16. Sequential Program Mode – Waiting Maximum Byte Program Time
8.4
Page Erase
Page Erase for 2Mbit, 1024 Pages [ten (10) page address bits, PA<9:0>] of 256Bytes each.
The Page Erase command can be used to individually erase any page in the main memory array. The Main
Memory Byte/Page Program command can be utilized at a later time.
To perform a Page Erase with the standard page size (256 bytes), an opcode of 81h must be clocked into the
device followed by three address bytes comprised of:
Byte 0: 81h the page erase command code
Byte 1: XXXX XX, PA9, PA8; which is six (6) dummy bits and two (2) page address bits
Byte 2: PA<7:0>; which is eight (8) page address bits
Byte 3: XXXX XXXX; which is eight (8) dummy bits
When a low-to-high transition occurs on the CS pin, the device will erase the selected page (the erased state is a
Logic 1). The erase operation is internally self-timed and should take place in a maximum time of tPE. During this
time, the RDY/BUSY bit in the Status Register will indicate that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase
properly. If an erase error arises, it will be indicated by the EPE bit in the Status Register.
CS
SI
SO
Opcode A23-16
A15-8
A7-0
05h
Data
High-Impedance
Opcode
Data
05h
04h
Opcode
Data
05h
STATUS REGISTER
DATA
STATUS REGISTER
DATA
STATUS REGISTER
DATA
Seqeuntial Program Mode
Command
First Address to Program
Status Register Read
Command
Write Disable
Command
Seqeuntial Program Mode
Command
Seqeuntial Program Mode
Command
Note: Each transition
shown for SI represents one byte (8 bits)
CS
SI
SO
Opcode A23-16
A15-8
A7-0
Data
High-Impedance
Opcode
Data
04h
Opcode
Data
Seqeuntial Program Mode
Command
First Address to Program
Write Disable
Command
Seqeuntial Program Mode
Command
Seqeuntial Program Mode
Command
Note: Each transition
shown for SI represents one byte (8 bits)
tBP
tBP
tBP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com