Electronic Components Datasheet Search
  English  ▼

X  

AT25DF021A Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # AT25DF021A
Description  AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 21Page - Renesas Technology Corp AT25DF021A Datasheet HTML 22Page - Renesas Technology Corp AT25DF021A Datasheet HTML 23Page - Renesas Technology Corp AT25DF021A Datasheet HTML 24Page - Renesas Technology Corp AT25DF021A Datasheet HTML 25Page - Renesas Technology Corp AT25DF021A Datasheet HTML 26Page - Renesas Technology Corp AT25DF021A Datasheet HTML 27Page - Renesas Technology Corp AT25DF021A Datasheet HTML 28Page - Renesas Technology Corp AT25DF021A Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
DS-AT25DF021A-042 Rev. J
Page 25
12/22/22
© 2022 Renesas Electronics
AT25DF021A Datasheet
9.4
Unprotect Sector
Issuing the Unprotect Sector command to a particular sector address resets the corresponding Sector Protection
Register to the logical 0 state (see Table 3 for Sector Protection Register values). Every physical sector of the
device has a corresponding single-bit Sector Protection Register that is used to control the software protection of
a sector.
Before the Unprotect Sector command can be issued, the Write Enable command must have been previously
issued to set the WEL bit in the Status Register to a logical 1. To issue the Unprotect Sector command, the CS pin
must first be asserted and the opcode of 39h must be clocked into the device. After the opcode has been clocked
in, the three address bytes designating any address within the sector to be unlocked must be clocked in. Any
additional data clocked into the device after the address bytes are ignored. When the CS pin is deasserted, the
Sector Protection Register corresponding to the sector addressed by A23 - A0 is reset to the logical 0 state, and
the sector itself is unprotected. In addition, the WEL bit in the Status Register is reset back to the logical 0 state.
The complete three address bytes must be clocked into the device before the CS pin is deasserted, and the CS
pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, the device aborts the
operation, the state of the Sector Protection Register is unchanged, and the WEL bit in the Status Register is reset
to a logical 0.
As a safeguard against accidental or erroneous locking or unlocking of sectors, the Sector Protection Registers
can themselves be locked from updates by using the SPRL (Sector Protection Registers Locked) bit of the Status
Register (please refer to the Status Register description for more details). If the Sector Protection Registers are
locked, then any attempts to issue the Unprotect Sector command is ignored, and the device resets the WEL bit in
the Status Register back to a logical 0 and return to the idle state once the CS pin has been deasserted.
Figure 22. Unprotect Sector
9.5
Global Protect/Unprotect
The Global Protect and Global Unprotect features can work in conjunction with the Protect Sector and Unprotect
Sector functions. For example, a system can globally protect the entire memory array and then use the Unprotect
Sector command to individually unprotect certain sectors and individually reprotect them later by using the Protect
Sector command. Likewise, a system can globally unprotect the entire memory array and then individually protect
certain sectors as needed.
Performing a Global Protect or Global Unprotect is accomplished by writing a certain combination of data to the
Status Register using the Write Status Register command (see “Write Status Register” on page 35 for command
execution details). The Write Status Register command is also used to modify the SPRL (Sector Protection
Registers Locked) bit to control hardware and software locking.
To perform a Global Protect, the appropriate WP pin and SPRL conditions must be met, and the system must
write a logical 1 to bits 5, 4, 3, and 2 of the Status Register. Conversely, to perform a Global Unprotect, the same
WP and SPRL conditions must be met but the system must write a logical 0 to bits 5, 4, 3, and 2 of the Status
Register. Table 4 details the conditions necessary for a Global Protect or Global Unprotect to be performed.
SCK
CS
SI
SO
MSB
MSB
23
1
0
00111001
67
5
410 11
9
812
31
29 30
27 28
26
Opcode
AAAA
AAA
AA
A
A
A
Address Bits A23-A0
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com