Electronic Components Datasheet Search
  English  ▼

X  

AT25DF021A Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # AT25DF021A
Description  AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 42Page - Renesas Technology Corp AT25DF021A Datasheet HTML 43Page - Renesas Technology Corp AT25DF021A Datasheet HTML 44Page - Renesas Technology Corp AT25DF021A Datasheet HTML 45Page - Renesas Technology Corp AT25DF021A Datasheet HTML 46Page - Renesas Technology Corp AT25DF021A Datasheet HTML 47Page - Renesas Technology Corp AT25DF021A Datasheet HTML 48Page - Renesas Technology Corp AT25DF021A Datasheet HTML 49Page - Renesas Technology Corp AT25DF021A Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
DS-AT25DF021A-042 Rev. J
Page 46
12/22/22
© 2022 Renesas Electronics
AT25DF021A Datasheet
13.7 AC Characteristics – All Other Parameters
Symbol
Parameter
1.65 V to 3.6 V and
1.7 V to 3.6 V
2.3 V to 3.6 V
Units
Min
Typ
Max
Min
Typ
Max
tCLKH
Clock High Time
4.5
4.5
ns
tCLKL
Clock Low Time
4
4
ns
tCLKR[1]
Clock Rise Time, Peak-to-Peak (Slew Rate)
0.1
0.1
V/ns
tCLKF[1]
Clock Fall Time, Peak-to-Peak (Slew Rate)
0.1
0.1
V/ns
tCSH
Chip Select High Time
35
25
ns
tCSLS
Chip Select Low Setup Time (relative to
Clock)
65
ns
tCSLH
Chip Select Low Hold Time (relative to Clock)
6
5
ns
tCSHS
Chip Select High Setup Time (relative to
Clock)
65
ns
tCSHH
Chip Select High Hold Time (relative to Clock)
6
5
ns
tDS
Data In Setup Time
2
2
ns
tDH
Data In Hold Time
1
1
ns
tDIS[1]
1. Not 100% tested (value guaranteed by design and characterization).
Output Disable Time
8
6
ns
tV
Output Valid Time
7.5
7
ns
tOH
Output Hold Time
0
0
ns
tHLS
HOLD Low Setup Time (relative to Clock)
6
5
ns
tHLH
HOLD Low Hold Time (relative to Clock)
6
5
ns
tHHS
HOLD High Setup Time (relative to Clock)
6
5
ns
tHHH
HOLD High Hold Time (relative to Clock)
6
5
ns
tHLQZ[1]
HOLD Low to Output High-Z
7
6
ns
tHHQX[1]
HOLD High to Output Low-Z
7
6
ns
tWPS[1]
Write Protect Setup Time
20
20
ns
tWPH[1]
Write Protect Hold Time
100
100
ns
tEDPD[1]
Chip Select High to Deep Power-Down
3
3
µs
tEUDPD.
Chip Select High to Ultra Deep Power-Down
3
3
µs
tSWRST
Software Reset Time
40
40
µs
tCSLU
Minimum Chip Select Low to Exit Ultra Deep
Power-Down
20
20
ns
tXUDPD
Exit Ultra Deep Power-Down Time
70
70
µs
tRDPD[1]
Chip Select High to Standby Mode
8
8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com