Electronic Components Datasheet Search
  English  ▼

X  

AT25DF021A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # AT25DF021A
Description  AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 1 Page - Renesas Technology Corp

  AT25DF021A Datasheet HTML 1Page - Renesas Technology Corp AT25DF021A Datasheet HTML 2Page - Renesas Technology Corp AT25DF021A Datasheet HTML 3Page - Renesas Technology Corp AT25DF021A Datasheet HTML 4Page - Renesas Technology Corp AT25DF021A Datasheet HTML 5Page - Renesas Technology Corp AT25DF021A Datasheet HTML 6Page - Renesas Technology Corp AT25DF021A Datasheet HTML 7Page - Renesas Technology Corp AT25DF021A Datasheet HTML 8Page - Renesas Technology Corp AT25DF021A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
Datasheet
DS-AT25DF021A-042 Rev. J
Page 1
12/22/22
© 2022 Renesas Electronics
Features
• Single 1.65 V - 3.6 V Supply (-40
°C to +104°C)
• Single 1.7 V - 3.6 V Supply (-40
°C to +125°C)
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 and 3
• Supports Dual I/O Operation
• 104 MHz Maximum Operating Frequency
• Clock-to-Output (tV) of 6 ns
• Flexible, Optimized Erase Architecture for Code + Data Storage Applications
• Small (256 Byte) Page Erase
• Uniform 4-kByte Block Erase
• Uniform 32-kByte Block Erase
• Uniform 64-kByte Block Erase
• Full Chip Erase
• Hardware Controlled Locking of Protected Sectors via WP Pin
• 128-Byte Programmable One-Time Programmable (OTP) Security Register
• 64 Bytes factory programmed with a unique identifier
• 64 Bytes user programmable
• Flexible Programming
• Byte/Page Program (1 to 256 Bytes)
• Dual-Input Byte/Page Program (1 to 256 Bytes)
• Sequential Program Mode Capability
• Fast Program and Erase Times
• 1.25 ms Typical Page Program (256 Bytes) Time
• 40 ms Typical 4-kByte Block Erase Time
• 250 ms Typical 32-kByte Block Erase Time
• 500 ms Typical 64-kByte Block Erase Time
• Automatic Checking and Reporting of Erase/Program Failures
• Software Controlled Reset
• JEDEC Standard Manufacturer and Device ID Read Methodology
• Low Power Dissipation
• 200 nA Ultra Deep Power Down current (Typical)
• 4.5 µA Deep Power-Down Current (Typical)
• 25 uA Standby current (Typical)
• 4.5 mA Active Read Current (Typical)
• Endurance:
• 100,000 Program/Erase Cycles (-40
°C to +104°C)
• 20,000 Program/Erase Cycles (-40
°C to +125°C)
• Data Retention: 20 Years
• Complies with Full Industrial Temperature Range
• Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
• 8-lead SOIC (150-mil)
• 8-pad Ultra Thin DFN (2 x 3 x 0.6 mm)
• 8-pad Ultra Thin DFN (5 x 6 x 0.6 mm)
• 8-lead TSSOP
• 8-ball WLCSP (3 x 2 x 3 ball matrix)
AT25DF021A
2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support


Similar Part No. - AT25DF021A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25DF021A DIALOG-AT25DF021A Datasheet
422Kb / 3P
2-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF021A RENESAS-AT25DF021A Datasheet
2Mb / 59P
2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
8/7/23
AT25DF021A-DWF RENESAS-AT25DF021A-DWF Datasheet
2Mb / 59P
2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
8/7/23
AT25DF021A-DWFAT RENESAS-AT25DF021A-DWFAT Datasheet
2Mb / 59P
2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
8/7/23
logo
Dialog Semiconductor
AT25DF021A-DWFHT DIALOG-AT25DF021A-DWFHT Datasheet
422Kb / 3P
2-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF021A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL081 ETC2-AT25DL081 Datasheet
2Mb / 59P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DL161 DIALOG-AT25DL161 Datasheet
457Kb / 4P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25XE021A DIALOG-AT25XE021A Datasheet
1Mb / 52P
2-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25DF041B RENESAS-AT25DF041B Datasheet
1Mb / 64P
4-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual I/O Support
12/13/22
AT25DF641A RENESAS-AT25DF641A Datasheet
2Mb / 57P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
02/2022
AT25DL081 RENESAS-AT25DL081 Datasheet
2Mb / 57P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
AT25DL161 RENESAS-AT25DL161 Datasheet
1Mb / 64P
16-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
11/11/22
AT25XE011 RENESAS-AT25XE011 Datasheet
1Mb / 51P
1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
8/1/22
AT25XE021A RENESAS-AT25XE021A Datasheet
1Mb / 61P
2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
12/9/22
AT25XE041B RENESAS-AT25XE041B Datasheet
3Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com