Electronic Components Datasheet Search
  English  ▼

X  

AT25DF021A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # AT25DF021A
Description  AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 2Page - Renesas Technology Corp AT25DF021A Datasheet HTML 3Page - Renesas Technology Corp AT25DF021A Datasheet HTML 4Page - Renesas Technology Corp AT25DF021A Datasheet HTML 5Page - Renesas Technology Corp AT25DF021A Datasheet HTML 6Page - Renesas Technology Corp AT25DF021A Datasheet HTML 7Page - Renesas Technology Corp AT25DF021A Datasheet HTML 8Page - Renesas Technology Corp AT25DF021A Datasheet HTML 9Page - Renesas Technology Corp AT25DF021A Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
DS-AT25DF021A-042 Rev. J
Page 6
12/22/22
© 2022 Renesas Electronics
AT25DF021A Datasheet
1.
Description
The AT25DF021A is a serial interface Flash memory device designed for use in a wide variety of high-volume
consumer based applications in which program code is shadowed from Flash memory into embedded or external
RAM for execution. The flexible erase architecture of the AT25DF021A, with its page erase granularity it is ideal
for data storage as well, eliminating the need for additional data storage devices.
The erase block sizes of the AT25DF021A have been optimized to meet the needs of today's code and data
storage applications. By optimizing the size of the erase blocks, the memory space can be used much more
efficiently. Because certain code modules and data storage segments must reside by themselves in their own
erase regions, the wasted and unused memory space that occurs with large sectored and large block erase Flash
memory devices can be greatly reduced. This increased memory space efficiency allows additional code routines
and data storage segments to be added while still maintaining the same overall device density.
The device also contains a specialized OTP (One-Time Programmable) Security Register that can be used for
purposes such as unique device serialization, system-level Electronic Serial Number (ESN) storage, locked key
storage, etc.
Specifically designed for use in many different systems, the AT25DF021A supports read, program, and erase
operations with a wide supply voltage range of 1.65 V to 3.6 V. No separate voltage is required for programming
and erasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com