Electronic Components Datasheet Search
  English  ▼

X  

AT25DF021A Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # AT25DF021A
Description  AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 32Page - Renesas Technology Corp AT25DF021A Datasheet HTML 33Page - Renesas Technology Corp AT25DF021A Datasheet HTML 34Page - Renesas Technology Corp AT25DF021A Datasheet HTML 35Page - Renesas Technology Corp AT25DF021A Datasheet HTML 36Page - Renesas Technology Corp AT25DF021A Datasheet HTML 37Page - Renesas Technology Corp AT25DF021A Datasheet HTML 38Page - Renesas Technology Corp AT25DF021A Datasheet HTML 39Page - Renesas Technology Corp AT25DF021A Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
DS-AT25DF021A-042 Rev. J
Page 36
12/22/22
© 2022 Renesas Electronics
AT25DF021A Datasheet
11.4 Write Status Register Byte 2
The Write Status Register Byte 2 command is used to modify the RSTE. Using the Write Status Register Byte 2
command is the only way to modify the RSTE in the Status Register during normal device operation. Before the
Write Status Register Byte 2 command can be issued, the Write Enable command must have been previously
issued to set the WEL bit in the Status Register to a Logical 1.
To issue the Write Status Register Byte 2 command, the CS pin must first be asserted and then the opcode 31h
must be clocked into the device followed by one byte of data. The one byte of data consists of three don’t-care
bits, the RSTE bit value, and four additional don’t-care bits (see Table 12). Any additional data bytes sent to the
device are ignored. When the CS pin is deasserted, the RSTE bit in the Status Register is modified, and the WEL
bit in the Status Register is reset back to a Logical 0.
The complete one byte of data must be clocked into the device before the CS pin is deasserted, and the CS pin
must be deasserted on even byte boundaries (multiples of eight bits); otherwise, the device aborts the operation,
the state of the RSTE bit does not change, and the WEL bit in the Status Register is reset back to the Logical 0
state.
Figure 29. Write Status Register Byte 2
Table 12. Write Status Register Byte 2 Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
X
XRSTEX
X
X
X
SCK
CS
SI
SO
MSB
23
1
0
0011000
67
5
4
Opcode
10 11
9
814 15
13
12
1
MSB
XXX
D
XXX
X
Status Register In
Byte 2
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com