Electronic Components Datasheet Search
  English  ▼

X  

AT25DF021A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # AT25DF021A
Description  AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 3Page - Renesas Technology Corp AT25DF021A Datasheet HTML 4Page - Renesas Technology Corp AT25DF021A Datasheet HTML 5Page - Renesas Technology Corp AT25DF021A Datasheet HTML 6Page - Renesas Technology Corp AT25DF021A Datasheet HTML 7Page - Renesas Technology Corp AT25DF021A Datasheet HTML 8Page - Renesas Technology Corp AT25DF021A Datasheet HTML 9Page - Renesas Technology Corp AT25DF021A Datasheet HTML 10Page - Renesas Technology Corp AT25DF021A Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
DS-AT25DF021A-042 Rev. J
Page 7
12/22/22
© 2022 Renesas Electronics
AT25DF021A Datasheet
2.
Pin Descriptions and Pinouts
Table 1. Pin Descriptions
Symbol
Name and Function
Asserted
State
Type
CS
CHIP SELECT
Asserting the CS pin selects the device. When the CS pin is deasserted, the device is
deselected and normally be placed in standby mode (not Deep Power-Down mode), and the
SO pin is in a high-impedance state. When the device is deselected, data is not accepted on
the SI pin.
A high-to-low transition on the CS pin is required to start an operation, and a low-to-high
transition is required to end an operation. When ending an internally self-timed operation such
as a program or erase cycle, the device does not enter the standby mode until the completion
of the operation.
Low
Input
SCK
SERIAL CLOCK
This pin is used to provide a clock to the device and is used to control the flow of data to and
from the device. Command, address, and input data present on the SI pin is always latched in
on the rising edge of SCK, while output data on the SO pin is always clocked out on the falling
edge of SCK.
-
Input
SI (I/O0)
SERIAL INPUT
The SI pin is used to shift data into the device. The SI pin is used for all data input including
command and address sequences. Data on the SI pin is always latched in on the rising edge of
SCK.
With the Dual-Output Read commands, the SI Pin becomes an output pin (I/O0) in conjunction
with other pins to allow two bits of data on (I/O1-0) to be clocked out on every falling edge of
SCK.
To maintain consistency with the SPI nomenclature, the SI (I/O0) pin is referenced as the SI pin
unless specifically addressing the Dual-I/O modes in which case it is referenced as I/O0.
Data present on the SI pin is ignored whenever the device is deselected (CS is deasserted).
-
Input/
Output
SO
(I/O1)
SERIAL OUTPUT
The SO pin is used to shift data out from the device. Data on the SO pin is always clocked out
on the falling edge of SCK.
With the Dual-Output Read commands, the SO Pin remains an output pin (I/O1) in conjunction
with other pins to allow two bits of data on (I/O1-0) to be clocked out on every falling edge of
SCK.
To maintain consistency with the SPI nomenclature, the SO (I/O1) pin is referenced as the SO
pin unless specifically addressing the Dual-I/O modes in which case it is referenced as I/O1.
The SO pin is in a high-impedance state whenever the device is deselected (CS is deasserted).
-
Input/
Output
WP
WRITE PROTECT
The WP pin controls the hardware locking feature of the device. Please refer to “Protection
Commands and Features” on page 23 for more details on protection features and the WP pin.
The WP pin is internally pulled-high and may be left floating if hardware controlled protection is
not used. However, it is recommended that the WP pin also be externally connected to VCC
whenever possible.
Low
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com