Electronic Components Datasheet Search
  English  ▼

X  

AT25DF021A Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # AT25DF021A
Description  AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 44Page - Renesas Technology Corp AT25DF021A Datasheet HTML 45Page - Renesas Technology Corp AT25DF021A Datasheet HTML 46Page - Renesas Technology Corp AT25DF021A Datasheet HTML 47Page - Renesas Technology Corp AT25DF021A Datasheet HTML 48Page - Renesas Technology Corp AT25DF021A Datasheet HTML 49Page - Renesas Technology Corp AT25DF021A Datasheet HTML 50Page - Renesas Technology Corp AT25DF021A Datasheet HTML 51Page - Renesas Technology Corp AT25DF021A Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
DS-AT25DF021A-042 Rev. J
Page 48
12/22/22
© 2022 Renesas Electronics
AT25DF021A Datasheet
14. Power-On/Reset State
When power is first applied to the device, or when recovering from a reset condition, the output pin (SO) will be in a high
impedance state, and a high-to-low transition on the CSB pin will be required to start a valid instruction. The SPI mode
(Mode 3 or Mode 0) will be automatically selected on every falling edge of CSB by sampling the inactive clock state.
14.1 Power-Up/Power-Down Voltage and Timing Requirements
During power-up, the device must not be READ for at least the minimum tVCSL time after the supply voltage
reaches the minimum VPOR level (VPOR min). While the device is being powered-up, the internal Power-On Reset
(POR) circuitry keeps the device in a reset mode until the supply voltage rises above the minimum VCC. During
this time, all operations are disabled and the device will not respond to any commands.
If the first operation to the device after power-up will be a program or erase operation, then the operation cannot
be started until the supply voltage reaches the minimum VCC level and an internal device delay has elapsed. This
delay will be a maximum time of tPUW. After the tPUW time, the device will be in the standby mode if CSB is at logic
high or active mode if CSB is at logic low. For the case of Power-down then Power-up operation, or if a power
interruption occurs (such that VCC drops below VPOR max), the VCC of the Flash device must be maintained below
VPWD for at least the minimum specified TPWD time. This is to ensure the Flash device will reset properly after a
power interruption.
Figure 38. Power-Up Timing
Table 15. Voltage and Timing Requirements for Power-Up/Power-Down
Symbol
Parameter
Min
Max
Units
VPWD
VCC for device initialization
1.0
V
TPWD
Minimum duration for device initialization
300
µs
TVCSL
Minimum VCC to chip select low time for Read command
70
µs
TVR
VCC rise time
1
500000
µs/V
VPOR
Power on reset voltage
1.45
1.6
V
TPUW
Power up delay time before Program or Erase is allowed
3
ms
V
CC
V
CC max
Max V
PWD
Time
t
PWD
t
PUW
Full Operation Permitted
t
VR
t
VCSL
Read Operation
Permitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com