Electronic Components Datasheet Search
  English  ▼

X  

80C554 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # 80C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C554 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button 80C554 Datasheet HTML 53Page - NXP Semiconductors 80C554 Datasheet HTML 54Page - NXP Semiconductors 80C554 Datasheet HTML 55Page - NXP Semiconductors 80C554 Datasheet HTML 56Page - NXP Semiconductors 80C554 Datasheet HTML 57Page - NXP Semiconductors 80C554 Datasheet HTML 58Page - NXP Semiconductors 80C554 Datasheet HTML 59Page - NXP Semiconductors 80C554 Datasheet HTML 60Page - NXP Semiconductors 80C554 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
57
!********************************************************************************************************
!********************************************************************************************************
! MASTER RECEIVER STATE SERVICE ROUTINES
!********************************************************************************************************
!********************************************************************************************************
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 40, Previous state was STATE 08 or STATE 10,
!
SLA+R have been transmitted, ACK received.
! ACTION : DATA will be received, ACK returned.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
mts40
.base
0x140
0140
75D8C5
mov
S1CON,#ENS1_NOTSTA_NOTSTO_NOTSI_AA_CR0
! clr STA, STO, SI set AA
0143
D0D0
pop
psw
32
reti
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 48, SLA+R have been transmitted, NOT ACK received.
! ACTION : STOP condition will be generated.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
mts48
.base
0x148
0148
75D8D5
STOP:
mov
S1CON,#ENS1_NOTSTA_STO_NOTSI_AA_CR0
! set STO, clr SI
014B
D0D0
pop
psw
014D
32
reti
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 50, DATA have been received, ACK returned.
! ACTION : Read DATA of S1DAT.
!
DATA will be received, if it is last DATA
then NOT ACK will be returned else ACK will be returned.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
mrs50
.base
0x150
0150
75D018
mov
psw,#SELRB3
0153
A6DA
mov
@r0,S1DAT
! Read received DATA
0155
01C0
ajmp REC1
.sect
mrs50s
.base
0xc0
00C0
D55205
REC1:
djnz
NUMBYTMST,NOTLDAT2
00C3
75D8C1
mov
S1CON,#ENS1_NOTSTA_NOTSTO_NOTSI_NOTAA_CR0
! clr SI,AA
00C6
8003
sjmp RETmr
00C8
75D8C5
NOTLDAT2:
mov
S1CON,#ENS1_NOTSTA_NOTSTO_NOTSI_AA_CR0
! clr SI, set AA
00CB
08
RETmr:
inc
r0
00CC
D0D0
pop
psw
00CE
32
reti
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 58, DATA have been received, NOT ACK returned.
! ACTION : Read DATA of S1DAT and generate a STOP condition.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
mrs58
.base
0x158
0158
75D018
mov
psw,#SELRB3
015B
A6DA
mov
@R0,S1DAT
015D
80E9
sjmp STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com