Electronic Components Datasheet Search
  English  ▼

X  

80C554 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # 80C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C554 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button 80C554 Datasheet HTML 62Page - NXP Semiconductors 80C554 Datasheet HTML 63Page - NXP Semiconductors 80C554 Datasheet HTML 64Page - NXP Semiconductors 80C554 Datasheet HTML 65Page - NXP Semiconductors 80C554 Datasheet HTML 66Page - NXP Semiconductors 80C554 Datasheet HTML 67Page - NXP Semiconductors 80C554 Datasheet HTML 68Page - NXP Semiconductors 80C554 Datasheet HTML 69Page - NXP Semiconductors 80C554 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
66
AC ELECTRICAL CHARACTERISTICS
VDD and Tamb minimum and maximum, per device specifications table; VSS = 0 V; CL = 100 pF for Port 0, ALE and PSEN; CL = 80 pF for all
other outputs unless otherwise specified.
16 MHz CLOCK
VARIABLE CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
External Program Memory
1/fCLK
49
System clock frequency, see Note 1
3.5
16
MHz
tLHLL
49
ALE pulse width
37.5
–
tCLK–25
–
ns
tAVLL
49
Address valid to ALE LOW
6.25
–
0.5 tCLK–25
–
ns
tLLAX
49
Address hold after ALE LOW
6.25
–
0.5 tCLK–25
–
ns
tLLIV
49
ALE LOW to valid instruction in
–
60
–
2 tCLK–65
ns
tLLPL
49
ALE LOW to PSEN LOW
6.25
–
0.5 tCLK–25
–
ns
tPLPH
49
PSEN pulse width
48.75
–
1.5 tCLK–45
–
ns
tPLIV
49
PSEN LOW to valid instruction in
–
33.75
–
1.5 tCLK–60
ns
tPXIX
49
Input instruction hold after PSEN
0
–
0
–
ns
tPXIZ
49
Input instruction float after PSEN
–
6.25
–
0.5 tCLK–25
ns
tAVIV
49
Address to valid instruction in
–
76.25
–
2.5 tCLK–80
ns
tPLAZ
49
PSEN LOW to address float
–
10
–
10
ns
External Data Memory
tRLRH
50, 51
RD pulse width
87.5
–
3 tCLK–100
–
ns
tWLWH
50, 51
WR pulse width
87.5
–
3 tCLK–100
–
ns
tRLDV
50, 51
RD LOW to valid data in
–
66.25
–
2.5 tCLK–90
ns
tRHDX
50, 51
Data hold after RD
0
–
0
–
ns
tRHDZ
50, 51
Data float after RD
–
42.5
–
tCLK–20
ns
tLLDV
50, 51
ALE LOW to valid data in
–
100
–
4 tCLK–150
ns
tAVDV
50, 51
Address to valid data in
–
116.25
–
4.5 tCLK–165
ns
tLLWL
50, 51
ALE LOW to RD or WR LOW
43.75
143.75
1.5 tCLK–50
1.5 tCLK+50
ns
tAVWL
50, 51
Address valid to RD low or WR LOW
50
–
2 tCLK–75
–
ns
tQVWX
50, 51
Data valid to WR transition
1.25
–
0.5 tCLK–30
–
ns
tWHQX
51
Data hold after WR
6.25
–
0.5 tCLK–25
–
ns
tQVWH
50, 51
Data valid time WR HIGH
88.75
–
3.5 tCLK–130
–
ns
tRLAZ
50, 51
RD LOW to address float
–
0
–
0
ns
tWHLH
50, 51
RD or WR HIGH to ALE HIGH
6.25
56.25
0.5 tCLK–25
0.5 tCLK+25
ns
External Clock
tCHCX
52
High time
33.3
50
tCLK
0.4
tCLK
0.6
ns
tCLCX
52
Low time
33.3
50
tCLK
0.4
tCLK
0.6
ns
tCLCH
52
Rise time
–
20
–
20
ns
tCHCL
52
Fall time
–
20
–
20
ns
UART Timing – Shift Register Mode
tXLXL
53
Serial port clock cycle time
500
–
6 tCLK
–
ns
tQVXH
53
Output data setup to clock rising edge
179.5
–
5 tCLK –133
–
ns
tXHQX
53
Output data hold after clock rising edge
32.5
–
tCLK–30
–
ns
tXHDX
53
Input data hold after clock rising edge
0
–
0
–
ns
tXHDV
53
Clock rising edge to input data valid
–
179.5
–
5 tCLK–133
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com