Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 35 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD7294 Datasheet HTML 31Page - Analog Devices AD7294 Datasheet HTML 32Page - Analog Devices AD7294 Datasheet HTML 33Page - Analog Devices AD7294 Datasheet HTML 34Page - Analog Devices AD7294 Datasheet HTML 35Page - Analog Devices AD7294 Datasheet HTML 36Page - Analog Devices AD7294 Datasheet HTML 37Page - Analog Devices AD7294 Datasheet HTML 38Page - Analog Devices AD7294 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
Preliminary Technical Data
AD7294
Reading Two Bytes of Data from a Result Register
The result register, TSENSE1 result register and the TSENSE2 register
are 16-bit registers used to store the conversion results from the
ADC. The master must first write to the command register to
determine which multiplexed channel to convert on. The
address pointer register is then pointed towards the register to
which to enter the converted data. The master sends a repeated
start to the frame and then enters the two bytes of converted
data into the desired result register. :
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
write bit (low).
3.
The addressed slave device asserts ACK on SDA.
4.
The master sends a register address of all 0s in order to
write to the command register.
5.
The addressed slave device asserts ACK on SDA.
6.
The master writes to the command register.
7.
The slave asserts ACK on SDA.
8.
The master sends a register address.
9.
The slave asserts ACK on SDA.
10. The master device asserts a repeated start condition on
SDA.
11. The master sends the 7-bit slave address followed by the
read bit (high).
12. The slave asserts ACK on SDA.
13. The master sends the most significant data byte.
14. The master asserts ACK on SDA.
15. The master sends the least significant data byte.
16. The master asserts NACK on SDA, so the slave knows that
the data transfer is complete.
17. The master asserts a stop condition on SDA to end the
transaction.
SD A
ACK. BY
AD7294
11
9
9
00
0
0
00
R/W
A0
A1
A2
A3
A4
1
SC L
1
00
91
9
C8
C7
C 6
C3
C2
C1
C5
C4
FRAME 3
C OMMAND REGISTER VALUE
SC L (CO NTINUED )
SD A (CO NTINU E D)
ST AR T BY
MA ST ER
ACK. BY
AD7294
ACK. BY
AD7294
FRA ME 1
SERIAL BUS ADDRESS BYT E + WRITE
FR AME 2
COMMAND PO IN TER RE GIST ER BY TE
ACK. BY
AD7294
19
P7
P6
P5
P2
P1
P0
P4
P3
FR AME 4
POINTER TO RESULT REGISTER
SC L (CONTINUED )
SD A (CO NTINU E D)
19
R/W
A0
A1
A2
A3
A4
1
1
ACK. BY
AD7294
FRA ME 5
SERIAL BUS ADDRESS BYTE + READ
REPEATED START
BY MASTER
ACK. BY
MASTER
19
ALERT CHID
D10
D9
D8
D11
FRA ME 6
MOST SIGNIFICANT DATA BYTE
SC L (CONTINUED )
SD A (CON TINUE D)
NO ACK BY
MASTER
19
D7
D6
D5
D2
D1
D0
D4
D3
FRAME 7
LEAST SIGNIFICANT DATA BYTE
CHID
CHID
STOP BY
MASTER
Figure 32. Reading 2-Bytes from Result Register
Rev. PrB | Page 35 of 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com