Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 36 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD7294 Datasheet HTML 32Page - Analog Devices AD7294 Datasheet HTML 33Page - Analog Devices AD7294 Datasheet HTML 34Page - Analog Devices AD7294 Datasheet HTML 35Page - Analog Devices AD7294 Datasheet HTML 36Page - Analog Devices AD7294 Datasheet HTML 37Page - Analog Devices AD7294 Datasheet HTML 38Page - Analog Devices AD7294 Datasheet HTML 39Page - Analog Devices AD7294 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
AD7294
Preliminary Technical Data
Rev. PrB | Page 36 of 45
Writing a Single Byte of Data to an 8-Bit Register
The alert registers, power down register, channel sequence
register, offset registers, and the command register are 8-bit
registers; therefore, only one byte of data can be written to each.
In this operation, the master device sends a byte of data to the
slave device. To write data to the register, the command
sequence is as follows:
18. The master device asserts a start condition on SDA.
19. The master sends the 7-bit slave address followed by the
write bit (low).
20. The addressed slave device asserts ACK on SDA.
21. The master sends a register address.
22. The slave asserts ACK on SDA.
23. The master sends a data byte.
24. The slave asserts ACK on SDA.
25. The master asserts a stop condition on SDA to end the
transaction.
SD A
ACK. BY
AD7294
11
9
9
P7
P6
P5
P2
P1
P0
R/W
A0
A1
A2
A3
A4
1
SC L
1
P4
P3
19
D7
D6
D5
D2
D1
D0
D4
D3
FRAME 3
DAT A BYT E
SC L (CONTINUED )
SD A (C O NTINU E D)
ST AR T BY
MA ST ER
ACK. BY
AD7294
ACK. B Y
AD7294
ST O P BY
MA ST ER
FRA ME 1
SE RIAL BUS ADDRESS BYT E
FRAME 2
A DD RES S PO IN TER RE GIST ER BY TE
Figure 33. Single-Byte Write Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com