Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7294 Datasheet HTML 26Page - Analog Devices AD7294 Datasheet HTML 27Page - Analog Devices AD7294 Datasheet HTML 28Page - Analog Devices AD7294 Datasheet HTML 29Page - Analog Devices AD7294 Datasheet HTML 30Page - Analog Devices AD7294 Datasheet HTML 31Page - Analog Devices AD7294 Datasheet HTML 32Page - Analog Devices AD7294 Datasheet HTML 33Page - Analog Devices AD7294 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
AD7294
Preliminary Technical Data
Rev. PrB | Page 30 of 45
SERIAL BUS INTERFACE
Control of the AD7294 is carried out via the I2C-compatible
serial bus. The AD7294 is connected to this bus as a slave device
under the control of a master device.
GENERAL I2C TIMING
Figure 28 shows the timing diagram for general read and write
operations using an I2C-compliant interface. The master initiates
a data transfer by establishing a start condition, defined as a
high-to-low transition on the serial data line (SDA) while the
serial clock line (SCL) remains high. This indicates that a data
stream follows. The master sends a 7-bit slave address (MSB
first) and an R/W bit that determines the direction of the data
transfer—that is, whether data is written to or read from the
slave device (0 = written, 1 = read).
The slave responds by pulling the data line low during the low
period before the ninth clock pulse, known as the acknowledge
bit, and holding it low during the high period of this clock
pulse. All other devices on the bus remain idle while the
selected device waits for data to be read from or written to it.
If the R/W bit is 0, the master writes to the slave device.
If the R/W bit is 1, the master reads from the slave device.
Data is sent over the serial bus in sequences of nine clock
pulses—eight bits of data followed by an acknowledge bit,
which can be from the master or slave device. Data transitions
on the data line must occur during the low period of the clock
signal and remain stable during the high period, because a low-
to-high transition when the clock is high may be interpreted as
a stop signal. If the operation is a write operation, the first data
byte after the slave address is a command byte. This tells the
slave device what to expect next. It may be an instruction telling
the slave device to expect a block write, or it may be a register
address that tells the slave where subsequent data is to be
written. Because data can flow in only one direction, as defined
by the R/W bit, it is not possible to send a command to a slave
device during a read operation. Before performing a read
operation, it is sometimes necessary to perform a write
operation to tell the slave what sort of read operation to expect
and/or the address from which data is to be read.
When all data bytes have been read or written, stop conditions
are established. In write mode, the master pulls the data line
high during the 10th clock pulse to assert a stop condition. In
read mode, the master device releases the SDA line during the
low period before the ninth clock pulse, but the slave device
does not pull it low. This is known as a no acknowledge
(NACK). The master takes the data line low during the low
period before the 10th clock pulse, and then high during the 10th
clock pulse to assert a stop condition.
11
0
1
1
0
1
R/W
P7
P6
P5
P4
P3
P2
P1
P0
START COND
BY MASTER
ACK. BY
AD7294
SERIAL BUS ADDRESS BYTE
ACK. BY
MASTER /
SLAVE
SCL
SDA
REGISTER ADDRESS
STOP BY
MASTER
USER PROGRAMMABLE 5 LSBs
Figure 28. General I2C Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com