Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7294 Datasheet HTML 24Page - Analog Devices AD7294 Datasheet HTML 25Page - Analog Devices AD7294 Datasheet HTML 26Page - Analog Devices AD7294 Datasheet HTML 27Page - Analog Devices AD7294 Datasheet HTML 28Page - Analog Devices AD7294 Datasheet HTML 29Page - Analog Devices AD7294 Datasheet HTML 30Page - Analog Devices AD7294 Datasheet HTML 31Page - Analog Devices AD7294 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
AD7294
Preliminary Technical Data
Rev. PrB | Page 28 of 45
SAMPLE DELAY AND BIT TRIAL DELAY
It is recommended that no I2C Bus activity occurs when a
conversion is taking place; however, this may not be possible,
for example when operating in automatic cycle mode. To
maintain the performance of the ADC in such cases, Bits D14
and D13 in the configuration register are used to delay critical
sample intervals and bit trials from occurring while there is
activity on the I2C bus. This may increase the conversion time.
When Bits D14 and D13 are both 1, the bit trial-and-sample
interval delaying mechanism are implemented. The default
setting of D14 and D13 is 0. If bit trial delays extend longer than
1 µs, the conversion terminates. When D14 is 1, the sampling
instant delay is implemented. When D13 is 1, the bit trial delay
is implemented. To turn off both the sample delay and bit trial
delay, set D14 and D13 to 0.
POWER-DOWN REGISTER
The power-down register is an 8-bit read/write register that is
used to power down various sections on the AD7294 device.
Table 19. Power-Down Register Description
Bit
Function
P7
Power down full chip (apart from DACs)
P6
Reserved
P5
Power down ADC reference buffer (to allow
external reference, 1 at power-up)
P4
Power down DAC reference buffer (to allow
external reference, 1 at power-up)
P3
Power down temperature sensor
P2
Power down ISENSE2
P1
Power down ISENSE1
P0
DAC outputs set to high impedance (set
automatically if die temperature >150°C)
DATAHIGH/DATALOW REGISTER
The DATAHIGH / DATALOW registers for a channel are 16-bit,
read/write registers. General alert is flagged by the MSB, D15.
D14 – D12 are not used in the register and are read as 0s. The
remaining 12-bits set the high/low limits for the relevant
channel. With respect to Channels 1 to 4, for Single Ended
mode, 000 and FFF are the defaults values. For differential
mode on Channels 1 to 4, the default values for DATAHIGH &
DATALOW are 7FF and 800. Note that if the part is configured in
Single Ended mode and the limits are changed, the user must
re-program limits when changing to a different mode.
Channels 5 and 6 ( ISENSE1 and ISENSE2 ) are two’s complement
format and so the default limits will also be 7FF and 800. There
is no differential mode for channels 5 and 6.
Channels 7 to 9, (TSENSE1, TSENSE2 and TSENSEINT) default to 3FF
and 400 for the DATAHIGH and DATALOW limits as they are in
two’s complement 10-bit format. Differential mode is not
available for channels 7 to 9. The AD7294 signals an alert (in
either hardware, software or both, depending on the
configuration) if the result moves outside the upper or lower
limit set by the user.
Table 20. Default values for DATAHIGH and DATALOW
REGISTERS
ADC
Channel
Single Ended
Differential
CH1
000 and FFF
7FF and 800
CH2
000 and FFF
7FF and 800
CH3
000 and FFF
7FF and 800
CH4
000 and FFF
7FF and 800
ISENSE1
7FF and 800 (2’s
Complement)
N/A
ISENSE2
7FF and 800 (2’s
Complement)
N/A
TSENSE1
3FF and 400 (2’s
Complement)
N/A
TSENSE2
3FF and 400 (2’s
Complement)
N/A
TSENSEINT
3FF and 400 (2’s
Complement)
N/A
The DATAHIGH register stores the upper limit that activates the
ALERT output and/or the Alert_Flag bit in the conversion
result register. If the value in the conversion result register is
greater than the value in the DATAHIGH register, an alert occurs.
When the conversion result returns to a value of at least N LSB
below the DATAHIGH register value, the ALERT output pin and
Alert_Flag bit are reset. The value of N is taken from the 12-bit
hysteresis register associated with that channel. For the TSENSE
limit registers D11 is equal to 0, as this denotes the diode open-
circuit flag in the TSENSE registers.
The DATALOW register stores the lower limit that activates the
ALERT output and/or the Alert_Flag bit in the conversion
result register. If the value in the conversion result register is less
than the value in the DATALOW register, an alert occurs. When
the conversion result returns to a value of at least N LSB above
the DATALOW register value, the ALERT output pin and
Alert_Flag bit are reset. The value of N is taken from the
hysteresis register associated with that channel.
The ALERT pin can also be reset by writing to Bits D2 and D1
in the configuration register.
Table 21. AD7294 DATAHIGH/LOW Register (First R/W)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
Alert_Flag
0
0
0
B11
B10
B9
B8
Table 22. AD7294 DATAHIGH/LOW Register (Second R/W)
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com