Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7294 Datasheet HTML 21Page - Analog Devices AD7294 Datasheet HTML 22Page - Analog Devices AD7294 Datasheet HTML 23Page - Analog Devices AD7294 Datasheet HTML 24Page - Analog Devices AD7294 Datasheet HTML 25Page - Analog Devices AD7294 Datasheet HTML 26Page - Analog Devices AD7294 Datasheet HTML 27Page - Analog Devices AD7294 Datasheet HTML 28Page - Analog Devices AD7294 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Preliminary Technical Data
AD7294
Rev. PrB | Page 25 of 45
Table 11. AD7294 Register Addresses
P7
P6
P5
P4
P3
P2
P1
P0
Registers
0
0
0
0
0
0
0
0
Command register (W)
0
0
0
0
0
0
0
1
Result register (R)/DAC1 value (W)
0
0
0
0
0
0
1
0
TSENSE1 result (R)/DAC2 value (W)
0
0
0
0
0
0
1
1
TSENSE2 result (R)/DAC3 value (W)
0
0
0
0
0
1
0
0
TSENSEINT result (R)/DAC4 value (W)
0
0
0
0
0
1
0
1
Alert Register A (R/W)
0
0
0
0
0
1
1
0
Alert Register B (R/W)
0
0
0
0
0
1
1
1
Alert Register C (R/W)
0
0
0
0
1
0
0
0
Channel sequence register (R/W)
0
0
0
0
1
0
0
1
Configuration register (R/W)
0
0
0
0
1
0
1
0
Power-down register (R/W)
0
0
0
0
1
0
1
1
DATALOW register CH1 (R/W)
0
0
0
0
1
1
0
0
DATAHIGH register CH1 (R/W)
0
0
0
0
1
1
0
1
Hysteresis register CH1 (R/W)
0
0
0
0
1
1
1
0
DATALOW register CH2 (R/W)
0
0
0
0
1
1
1
1
DATAHIGH register CH2 (R/W)
0
0
0
1
0
0
0
0
Hysteresis register CH2 (R/W)
0
0
0
1
0
0
0
1
DATALOW register CH3 (R/W)
0
0
0
1
0
0
1
0
DATAHIGH register CH3 (R/W)
0
0
0
1
0
0
1
1
Hysteresis register CH3 (R/W)
0
0
0
1
0
1
0
0
DATALOW register CH4 (R/W)
0
0
0
1
0
1
0
1
DATAHIGH register CH4 (R/W)
0
0
0
1
0
1
1
0
Hysteresis register CH4 (R/W)
0
0
0
1
0
1
1
1
DATALOW register ISENSE1 (R/W)
0
0
0
1
1
0
0
0
DATAHIGH register ISENSE1 (R/W)
0
0
0
1
1
0
0
1
Hysteresis register ISENSE1 (R/W)
0
0
0
1
1
0
1
0
DATALOW register ISENSE2 (R/W)
0
0
0
1
1
0
1
1
DATAHIGH register ISENSE2 (R/W)
0
0
0
1
1
1
0
0
Hysteresis register ISENSE2 (R/W)
0
0
0
1
1
1
0
1
DATALOW register TSENSE1 (R/W)
0
0
0
1
1
1
1
0
DATAHIGH register TSENSE1 (R/W)
0
0
0
1
1
1
1
1
Hysteresis register TSENSE1 (R/W)
0
0
1
0
0
0
0
0
DATALOW register TSENSE2 (R/W)
0
0
1
0
0
0
0
1
DATAHIGH register TSENSE2 (R/W)
0
0
1
0
0
0
1
0
Hysteresis register TSENSE2 (R/W)
0
0
1
0
0
0
1
1
DATALOW register TSENSEINT (R/W)
0
0
1
0
0
1
0
0
DATAHIGH register TSENSEINT (R/W)
0
0
1
0
0
1
0
1
Hysteresis register TSENSEINT (R/W)
0
0
1
0
0
1
1
0
TSENSE1 offset register (R/W)
0
0
1
0
0
1
1
1
TSENSE2 offset register (R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com