Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7294 Datasheet HTML 19Page - Analog Devices AD7294 Datasheet HTML 20Page - Analog Devices AD7294 Datasheet HTML 21Page - Analog Devices AD7294 Datasheet HTML 22Page - Analog Devices AD7294 Datasheet HTML 23Page - Analog Devices AD7294 Datasheet HTML 24Page - Analog Devices AD7294 Datasheet HTML 25Page - Analog Devices AD7294 Datasheet HTML 26Page - Analog Devices AD7294 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Preliminary Technical Data
AD7294
Rev. PrB | Page 23 of 45
REGISTER SETTING
The AD7294 contains 43 internal registers (see Figure 27) that
are used to store conversion results, high and low conversion
limits, and information to configure and control the device.
There are 42 data registers and one address pointer register.
ADDRESS
POINTER
REGISTER
COMMAND REGISTER
RESULT REGISTER
TSENSE RESULT
REGISTERS
x 3
ALERT REGISTERS
x3
CHANNEL SEQUENCE
REGISTER
CONFIGURATION
REGISTER
POWER DOWN
REGISTER
DATAHIGH /DATALOW
REGISTERS
x 18
HYSTERESIS REGISTER
TSENSE OFFSET
REGISTERS
x 2
FUSE BLOCK
REGISTERS
x 2
D
A
T
A
SERIAL BUS INTERFACE
SDA
SCL
Figure 27. AD7294 Register Structure
Each data register has an address to which the address pointer
register points when communicating with it. The command
register and fuse block registers are the only registers that are
write-only registers; the rest are read/write registers.
ADDRESS POINT REGISTER
The address pointer register does not have and does not require
an address, because it is the register to which the first data byte
of every write operation is written automatically. The address
pointer register is an 8-bit register, in which the 6 LSBs are used
as pointer bits to store an address that points to one of the
AD7294’s data registers, see Table 11. The first byte following
each write address is the address of one of the data registers,
which is stored in the address pointer register and selects the
data register to which subsequent data bytes are written. On
power-up, the address pointer register contains all 0s, pointing
to the command register.
ADC CHANNEL ALLOCATION
These nine channel address bits select which analog input
channel is to convert using the multiplexer, see Table 7.
Choosing Channels 1 to 4 selects the standard analog voltage
inputs. Channels 5 and 6 represent the analog-input sense
amplifiers for current monitoring. Channel 7 and 8 designate
the use of the external temperature-sensing diodes, whereas
Channel 9 represents the internal temperature sensor.
Table 7. ADC Channel Allocation
Channel
Function
Channel ID
CH1
VIN0 or (VIN0 − VIN1)
000
CH2
VIN1 or (VIN1 − VIN0)
001
CH3
VIN2 or (VIN2 − VIN3)
010
CH4
VIN3 or (VIN3 − VIN2)
011
CH5
ISENSE1
100
CH6
ISENSE2
101
CH7
TSENSE1
110
CH8
TSENSE2
111
CH9
TSENSEINT
–
There are two modes of operation with respect to the ADC. In
command mode, a sequence is written to the ADC, and on
subsequent reads, the next channel in the sequence is converted
as the current sequence is read out. In autocycle mode, a
sequence is programmed, and then the ADC automatically
cycles through the selected channels, outputting an alert if one
of the channels goes outside its preset range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com