Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7294 Datasheet HTML 10Page - Analog Devices AD7294 Datasheet HTML 11Page - Analog Devices AD7294 Datasheet HTML 12Page - Analog Devices AD7294 Datasheet HTML 13Page - Analog Devices AD7294 Datasheet HTML 14Page - Analog Devices AD7294 Datasheet HTML 15Page - Analog Devices AD7294 Datasheet HTML 16Page - Analog Devices AD7294 Datasheet HTML 17Page - Analog Devices AD7294 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
AD7294
Preliminary Technical Data
Rev. PrB | Page 14 of 45
When a conversion takes place, the common mode is rejected,
resulting in a virtually noise-free signal of amplitude −VREF to
+VREF, corresponding to the digital codes of 0 to 4,096. If the
2 × VREF range is used, the input signal amplitude extends from
−2 VREF (VIN0 = 0 V , VIN1 = VREF) to +2 VREF (VIN1 = 0 V ,
VIN0= VREF).
Driving Differential Inputs
The differential modes available on Channels 1 to 4 in Table 7
requires that VIN+ and VIN− be driven simultaneously with two
equal signals that are 180° out of phase. The common mode must
be set up externally. The common-mode range is determined by
VREF, the power supply, and the particular amplifier used to drive
the analog inputs. Differential modes of operation with either an
ac or dc input provide the best THD performance over a wide
frequency range. Since not all applications have a signal precon-
ditioned for differential operation, there is often a need to perform
single-ended-to-differential conversion.
Using an Op Amp Pair
An op amp pair can be used to directly couple a differential signal
to one of the analog input pairs of the AD7294. The circuit con-
figurations illustrated in Figure 14 and Figure 15 show how a dual
op amp can be used to convert a single-ended signal into a differen-
tial signal for both a bipolar and unipolar input signal, respectively.
The voltage applied to Point A sets up the common-mode voltage.
In both diagrams, Point A is connected to the reference, but any
value in the common-mode range can be input here to set up the
common mode. The AD8022 is a suitable dual op amp that can
be used in this configuration to provide differential drive to the
AD7294.
Take care when choosing the op amp; the selection depends on
the required power supply and system performance objectives.
The driver circuits in Figure 14 and Figure 15 are optimized for
dc coupling applications requiring best distortion performance.
The circuit configuration shown in Figure 14 converts a unipolar,
single-ended signal into a differential signal. The differential op
amp driver circuit shown in Figure 15 is configured to convert
and level shift a single-ended, ground-referenced (bipolar) signal
to a differential signal centered at the VREF level of the ADC.
GND
2× VREF p–p
27
Ω
27
Ω
V+
V–
V+
V–
VREF
2.5V
3.75V
1.25V
2.5V
3.75V
1.25V
DCAPA/DCAPB
VIN+
AD7294
1
VIN–
440
Ω
220
Ω
0.47
µF
1ADDITIONAL PINS OMITTED FOR CLARITY.
220
Ω
220
Ω
10k
Ω
A
Figure 14. Dual Op Amp Circuit to Convert a Single-Ended Unipolar Signal
into a Differential Signal
20k
Ω
220k
Ω
2×VREF p–p
27
Ω
27
Ω
V+
V–
V+
V–
GND
2.5V
3.75V
1.25V
2.5V
3.75V
1.25V
DCAPA/DCAPB
VIN+
AD7294
1
VIN–
440
Ω
220
Ω
0.47
µF
1ADDITIONAL PINS OMITTED FOR CLARITY.
220
Ω
220
Ω
10k
Ω
A
Figure 15. Dual Op Amp Circuit to Convert a Single-Ended Bipolar Signal
into a Differential Unipolar Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com