Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7294 Datasheet HTML 22Page - Analog Devices AD7294 Datasheet HTML 23Page - Analog Devices AD7294 Datasheet HTML 24Page - Analog Devices AD7294 Datasheet HTML 25Page - Analog Devices AD7294 Datasheet HTML 26Page - Analog Devices AD7294 Datasheet HTML 27Page - Analog Devices AD7294 Datasheet HTML 28Page - Analog Devices AD7294 Datasheet HTML 29Page - Analog Devices AD7294 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
AD7294
Preliminary Technical Data
Rev. PrB | Page 26 of 45
TSENSE1, TSENSE2 RESULT REGISTERS
Registers TSENSE1 and TSENSE2 are 16-bit read/write registers.
General alert is flagged by the MSB, D15. Bits D14 to D12 are
reserved for the ADC channel allocation. D11 is reserved for
flagging diode open-circuits. The temperature reading from the
ADC is stored in a 10-bit twos complement format plus a sign
bit, D10 to D0. Writing to the TSENSE1 register sets the DAC2
output code while writing to the TSENSE2 register sets the DAC3
output code.
TSENSEINT RESULT REGISTER
The TSENSEINT register is a 16-bit read/write register used to
store the ADC data generated from the internal temperature
sensor. Similar to the TSENSE1 and TSENSE2 result registers, this
register stores the temperature readings from the ADC in a
10-bit twos complement format and in a sign bit format, D10 to
D0, and uses the MSB as a general alert flag. However, Bits D14
to D11 are not used. Conversions take place approximately every
5 ms. Writing to this register sets the DAC4 output code. The
temperature data format in Table 6 also applies to the internal
temperature sensor data.
TSENSE OFFSET REGISTERS
Due to the high frequency clock signals of the system, some
temperature errors can be attributable to noise coupled onto the
D+/D− lines of the remote temperature sensors even when the
layout guidelines are followed. Constant high frequency noise
usually attenuates/increases the temperature measurements by a
linear constant value. The AD7294 has temperature offset 8-bit
twos complement registers for both Remote Channels TSENSE1
and TSENSE2. By completing a one-time calibration of the system,
the user can determine the offset caused by system board noise
and null it using the offset registers. The offset registers for
TSENSE1 and TSENSE2 are 8-bit read/write registers that store data
in a twos complement format. This data is subtracted from the
temperature readings taken by TSENSE1 and TSENSE2 temperature
sensors. The offset is carried out before the values are stored in
the TSENSE result register.
Table 12. TSENSE Offset Data Format
Digital Input
Bit Weight ( °C )
1111 1111
− 0.25
1000 0000
− 32
0111 1111
+ 31.75
0000 0000
+ 0.0
ALERT STATUS REGISTERS
The alert status registers are 8-bit read/write registers that
provides information on an alert event. If a conversion results in
activating the ALERT pin or Alert_Flag bit in the result register
or TSENSE registers, the alert status register can be read to gain
further information.
Register A , see Table 13, consists of four channels with two
status bits per channel, one corresponding to each of the
DATAHIGH and DATALOW limits. It stores the alert event data for
Channels 1 to 4, which are the standard voltage inputs. The bit
with a status of 1 shows where the violation occurred—that is,
on which channel—and whether the violation occurred on the
upper or lower limit. If a second alert event occurs on another
channel between receiving the first alert and interrogating the
alert status register, the corresponding bit for that alert event is
also set.
Register B, see Table 14, reserves two bits for user input. It also
consists of three channels with two status bits per channel,
representing the specified DATAHIGH and DATALOW limits. Bits B3
to B0 correspond to the high and low limit alerts for the current
sense inputs. Bits B5 to B4 represent the ISENSE over the full-scale
range of 200 mV.
Register Cs most significant bit, see Table 15, is used to alert the
user if an open diode flag occurs on the external temperature
sensors. An over temperature alert for the external temperature
sensor occupies C6. The remaining 6 bits in this register are
used to store alert event data for TSENSE1, TSENSE2 and TSENSEINT
with two status bits per channel, one corresponding to each of the
DATAHIGH and DATALOW limits.
The entire contents of the alert status register can be cleared by
writing 1 to bit D1 and 1 to bit D2 in the configuration register,
as shown in Table 17. This can also be achieved by writing all 1s
to the alert status register itself. Therefore, if the alert status
register is addressed for a write operation, which is all 1s, the
contents of the alert status register are cleared or reset to all 0s.
CHANNEL SEQUENCE REGISTER
The channel sequence register is an 8-bit read/write register that
allows the user to sequence the ADC conversions in autocycle
mode. This mode must first be selected in the configuration
register, see Table 16. This is an extremely useful mode, for
example, when checking for alerts on a channel. On power-up,
the channel sequence register contains all 0s, thus disabling
automatic cycle operation of the AD7294. To enable the
automatic cycle mode, the user must write a 1 to the desired
channel.
The temperature sense channels, including TSENSEINT, are a
special case. The conversions on these channels take place
automatically, unless the temperature sense circuit is powered
down, either after certain other conversions or in other quiet
times. This is transparent to the user.
CONFIGURATION REGISTER
The configuration register is a 16-bit read/write register that is
used to set the operating modes of the AD7294. The bit
functions of the configuration register are outlined in. Table 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com