Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7294 Datasheet HTML 11Page - Analog Devices AD7294 Datasheet HTML 12Page - Analog Devices AD7294 Datasheet HTML 13Page - Analog Devices AD7294 Datasheet HTML 14Page - Analog Devices AD7294 Datasheet HTML 15Page - Analog Devices AD7294 Datasheet HTML 16Page - Analog Devices AD7294 Datasheet HTML 17Page - Analog Devices AD7294 Datasheet HTML 18Page - Analog Devices AD7294 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
Preliminary Technical Data
AD7294
Rev. PrB | Page 15 of 45
Pseudodifferential Mode
The AD7294 can have two pseudodifferential pairs, see the
Configuration Register section for register details.
Uncommitted input channels 1 and 2 are a pseudodifferential
pair, as are channels 3 and channel 4 . In this mode, VIN+ is
connected to the signal source, which must have amplitude of
VREF (or 2 × VREF, depending on the range chosen) to make use
of the full dynamic range of the part. A dc input is applied to
the VIN− pin. The voltage applied to this input provides an offset
from ground or a pseudoground for the VIN+ input. Which
channel is VIN+ is determined by the ADC channel allocation.
The differential mode must be selected in order to operate in the
pseudodifferential mode. The resulting converted
pseudodifferential data is stored in 2s complement format in the
result register.
The governing equation for the pseudodifferential mode, for
channel 1 is:
VOUT = 2(VIN0 − VIN1) − VREF_ADC
Where VIN0 is the single-ended signal on channel 1 and VIN1 is
the single-ended signal on channel 2.
The benefit of pseudodifferential inputs is that they separate the
analog input signal ground from the ADC’s ground, allowing dc
common-mode voltages to be cancelled.
DIGITAL INPUTS
The digital inputs applied to the AD7294 are not limited by the
maximum ratings that limit the analog inputs. Instead, the digital
inputs can be applied at up to 7 V and are not restricted by the
VDD + 0.3 V limit as are the analog inputs, see the Absolute
Maximum Ratings section for more information. Another advan-
tage of the SDA, SCL, and A0 to A2 not being restricted by the
VDD + 0.3 V limit is that power supply sequencing issues are
avoided. If one of these digital inputs is applied before VDD,
there is no risk of latch-up, as there would be on the analog
inputs if a signal greater than 0.3 V were applied prior to VDD.
VDRIVE
The AD7294 also has a VDRIVE feature to control the voltage at
which the I2C interface operates. Because the I2C pins are open-
drain, there is not a corresponding VDD pin. The VDRIVE pin
should be connected to the supply that the I2C bus is pulled up
to. This is not a supply pin in I2C mode—it merely sets up the
input threshold levels. VDRIVE allows the ADC to easily interface
to both 3 V and 5 V processors. For example, if the AD7294 is
operated with a VDD of 5 V, the VDRIVE pin can be powered from
a 3 V supply, allowing a large dynamic range with low voltage
digital processors. Thus, the AD7294 can be used with the 2 ×
VREF input range with a VDD of 5 V while still being able to interface
to 3 V digital parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com