Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7294 Datasheet HTML 23Page - Analog Devices AD7294 Datasheet HTML 24Page - Analog Devices AD7294 Datasheet HTML 25Page - Analog Devices AD7294 Datasheet HTML 26Page - Analog Devices AD7294 Datasheet HTML 27Page - Analog Devices AD7294 Datasheet HTML 28Page - Analog Devices AD7294 Datasheet HTML 29Page - Analog Devices AD7294 Datasheet HTML 30Page - Analog Devices AD7294 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
Preliminary Technical Data
AD7294
Rev. PrB | Page 27 of 45
Table 13. Alert Status Register A
Alert Bit
A7
A6
A5
A4
A3
A2
A1
A0
Function
CH4
high alert
CH4
low alert
CH3
high alert
CH3
low alert
CH2
high alert
CH2
low alert
CH1
high alert
CH1
low alert
Table 14. Alert Status Register B
Alert Bit
B7
B6
B5
B4
B3
B2
B1
B0
Function
Reserved
Reserved
ISENSE2
over-range
ISENSE1
over-range
ISENSE2
high alert
ISENSE2
low alert
ISENSE1
high alert
ISENSE1
low alert
Table 15. Alert Status Register C
Alert Bit
C7
C6
C5
C4
C3
C2
C1
C0
Function
Open-diode
flag
Over-temp
alert
TSENSEINT
high alert
TSENSEINT
low alert
TSENSE2
high alert
TSENSE2
low alert
TSENSE1
high alert
TSENSE1
low alert
Table 16. Channel Sequence Register
Channel
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Function
Reserved
Reserved
ISENSE2
ISENSE1
CH4
CH3
CH2
CH1
Table 17. Configuration Register Bit Function Description
Config.
Bit
Comment
D15
Reserved
D14
Enable noise-delayed sampling. Used to delay critical
sample intervals from occurring when there is
activity on the I2C bus.
D13
Enable noise-delayed bit trials. Used to delay critical
bit trials from occurring when there is activity on the
I2C bus.
D12
Enable autocycle mode.
D11
Enable pseudodifferential mode for CH3/CH4
D10
Enable pseudodifferential mode for CH1/CH2
D9
Enable differential mode for CH3/CH4
D8
Enable differential mode for CH1/CH2
D7
Enable 2 VREF range on CH4
D6
Enable 2 VREF range on CH3
D5
Enable 2 VREF range on CH2
D4
Enable 2 VREF range on CH1
D3
Enable I2C filters
D2
Enable alert pin
D1
Enable busy pin (D2 = 0)/clear alerts (D2 = 1)
D0
Sets polarity of alert pin (active high/active low)
Table 18. ALERT/BUSY Function
D2
D1
ALERT/BUSY Pin Configuration
0
0
Pin does not provide any interrupt signal.
0
1
Pin configuration as a BUSY output
1
0
Pin configuration as an ALERT output.
1
1
Resets the ALERT output pin, the Alert_Flag
bit in the conversion result register, and the
entire alert status register (if any is active). If
1/1 is written to Bits D2/D1 in the
configuration register to reset the ALERT pin,
the Alert_Flag bit, and the alert status
register, the contents of the configuration
register read 1/0 for D2/D1, respectively, if
read back.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com