Electronic Components Datasheet Search
  English  ▼

X  

MPC601 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MPC601
Description  PowerPC™ 601 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC601 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MPC601 Datasheet HTML 24Page - NXP Semiconductors MPC601 Datasheet HTML 25Page - NXP Semiconductors MPC601 Datasheet HTML 26Page - NXP Semiconductors MPC601 Datasheet HTML 27Page - NXP Semiconductors MPC601 Datasheet HTML 28Page - NXP Semiconductors MPC601 Datasheet HTML 29Page - NXP Semiconductors MPC601 Datasheet HTML 30Page - NXP Semiconductors MPC601 Datasheet HTML 31Page - NXP Semiconductors MPC601 Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
PowerPC 601 RISC Microprocessor Technical Summary
Most integer instructions require one clock cycle per stage. Because results for most integer instructions are
available at the end of the execute stage, a series of single-cycle integer instructions allow a throughput of
one instruction per clock cycle. Other instructions, such as the integer multiply, require more than one clock
cycle to complete execution. These instructions reduce the throughput accordingly.
The floating-point pipeline has more stages than the IU pipeline, as shown in Figure 5. The 601 supports
both single- and double-precision floating-point operations, but double-precision instructions generally take
longer to execute, typically by requiring two cycles in the FD, FPM, and FPA stages. However, many of
these instructions, such as the double-precision floating-point multiply (fmul) and double-precision
floating-point accumulate instructions (fmadd, fmsub, fnmadd, and fnmsub), allow stages to overlap. For
example, when the second cycle of the FD stage begins, the first stage of FPM begins. Similarly the FPM
stage overlaps with the FPA stage, allowing these instructions to complete these stages in four clock cycles
instead of six.
Because the PowerPC architecture can be applied to such a wide variety of implementations, instruction
timing among various PowerPC processors varies accordingly.
3.8 System Interface
The system interface is specific for each PowerPC processor implementation.
The 601 provides a versatile system interface that allows for a wide range of implementations. The interface
includes a 32-bit address bus, a 64-bit data bus, and 52 control and information signals (see Figure 6). The
system interface allows for address-only transactions as well as address and data transactions. The 601
control and information signals include the address arbitration, address start, address transfer, transfer
attribute, address termination, data arbitration, data transfer, data termination, and processor state signals.
Test and control signals provide diagnostics for selected internal circuitry.
Figure 6. System Interface
The system interface supports bus pipelining, which allows the address tenure of one transaction to overlap
the data tenure of another. The extent of the pipelining depends on external arbitration and control circuitry.
Similarly, the 601 supports split-bus transactions for systems with multiple potential bus masters—one
device can have mastership of the address bus while another has mastership of the data bus. Allowing
multiple bus transactions to occur simultaneously increases the available bus bandwidth for other activity
and as a result, improves performance.
601
Processor
ADDRESS
ADDRESS ARBITRATION
ADDRESS START
ADDRESS TRANSFER
TRANSFER ATTRIBUTE
ADDRESS TERMINATION
CLOCKS
DATA
DATA ARBITRATION
DATA TRANSFER
DATA TERMINATION
PROCESSOR STATE
TEST AND CONTROL
+3.6 V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com