Electronic Components Datasheet Search
  English  ▼

X  

MPC601 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPC601
Description  PowerPC™ 601 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC601 Datasheet(HTML) 1 Page - NXP Semiconductors

  MPC601 Datasheet HTML 1Page - NXP Semiconductors MPC601 Datasheet HTML 2Page - NXP Semiconductors MPC601 Datasheet HTML 3Page - NXP Semiconductors MPC601 Datasheet HTML 4Page - NXP Semiconductors MPC601 Datasheet HTML 5Page - NXP Semiconductors MPC601 Datasheet HTML 6Page - NXP Semiconductors MPC601 Datasheet HTML 7Page - NXP Semiconductors MPC601 Datasheet HTML 8Page - NXP Semiconductors MPC601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
MPC601/D
(Motorola Order Number)
11/93
REV 1
MPR601TSU-02
(IBM Order Number)
PowerPC is a trademark of International Business Machines Corp.
This document contains information on a new product under development. Specifications and information herein are subject to change without notice.
© Motorola Inc. 1993
Instruction set and other portions hereof
© International Business Machines Corp. 1991–1993
™
Advance Information
PowerPC™ 601 RISC Microprocessor
Technical Summary
This document provides an overview of the PowerPC 601 RISC microprocessor features,
including a block diagram showing the major functional components. It also provides an
overview of the PowerPC architecture, and information about how the 601 implementation
differs from the architectural definitions.
This document is divided into three parts:
•
Part 1, “PowerPC 601 Microprocessor Overview,” provides an overview of the 601
features, including a block diagram showing the major functional components.
•
Part 2, “Levels of the PowerPC Architecture,” describes the three levels of the
PowerPC architecture.
•
Part 3, “PowerPC 601 Microprocessor: Implementation,” describes the PowerPC
architecture in general, noting where the 601 differs.
In this document, the terms “PowerPC 601 RISC Microprocessor” and “601” are used to
denote the first microprocessor from the PowerPC architecture family. The PowerPC 601
microprocessors are available from IBM as PPC601 and from Motorola as MPC601.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Similar Part No. - MPC601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC601EC NXP-MPC601EC Datasheet
507Kb / 24P
PowerPC 601™ RISC Microprocessor Hardware Specifications
REV 3
More results

Similar Description - MPC601

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
PowerPC 7457 RISC Microprocessor
logo
Motorola, Inc
MPC604E MOTOROLA-MPC604E Datasheet
111Kb / 34P
PowerPC 604e-TM RISC Microprocessor Technical Summary
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
PowerPC RISC microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
PowerPC 7410 RISC Microprocessor
logo
NXP Semiconductors
MPC601EC NXP-MPC601EC Datasheet
507Kb / 24P
PowerPC 601™ RISC Microprocessor Hardware Specifications
REV 3
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
MPC604 NXP-MPC604 Datasheet
469Kb / 32P
PowerPCTM 604 RISC Microprocessor Technical Summary
REV 1
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com