Electronic Components Datasheet Search
  English  ▼

X  

MPC601 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPC601
Description  PowerPC™ 601 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC601 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPC601 Datasheet HTML 6Page - NXP Semiconductors MPC601 Datasheet HTML 7Page - NXP Semiconductors MPC601 Datasheet HTML 8Page - NXP Semiconductors MPC601 Datasheet HTML 9Page - NXP Semiconductors MPC601 Datasheet HTML 10Page - NXP Semiconductors MPC601 Datasheet HTML 11Page - NXP Semiconductors MPC601 Datasheet HTML 12Page - NXP Semiconductors MPC601 Datasheet HTML 13Page - NXP Semiconductors MPC601 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
PowerPC 601 RISC Microprocessor Technical Summary
Part 2 Levels of the PowerPC Architecture
The PowerPC architecture consists of the following layers, and adherence to the PowerPC architecture can
be measured in terms of which of the following levels of the architecture is implemented:
•
PowerPC user instruction set architecture—Defines the base user-level instruction set, user-level
registers, data types, floating-point exception model, memory models for a uniprocessor
environment, and programming model for uniprocessor environment.
•
PowerPC virtual environment architecture—Describes the memory model for a multiprocessor
environment, defines cache control instructions, and describes other aspects of virtual
environments. Implementations that conform to the PowerPC virtual environment architecture also
adhere to the PowerPC user instruction set architecture, but may not necessarily adhere to the
PowerPC operating environment architecture.
•
PowerPC operating environment architecture—Defines the memory management model,
supervisor-level registers, synchronization requirements, and the exception model.
Implementations that conform to the PowerPC operating environment architecture also adhere to
the PowerPC user instruction set architecture and the PowerPC virtual environment architecture
definition.
Note that while the 601 is said to adhere to the PowerPC architecture at all three levels, it diverges in aspects
of its implementation to a greater extent than should be expected of subsequent PowerPC processors. Many
of the differences result from the fact that the 601 design provides compatibility with an existing architecture
standard (POWER), while providing a reliable platform for hardware and software development compatible
with subsequent PowerPC processors.
Note that except for the POWER instructions and the RTC implementation, the differences between the 601
and the PowerPC architecture are primarily differences in the operating environment architecture.
The PowerPC architecture allows a wide range of designs for such features as cache and system interface
implementations.
Part 3 PowerPC 601 Microprocessor: Implementation
The PowerPC architecture is derived from the IBM Performance Optimized with Enhanced RISC
(POWER) architecture. The PowerPC architecture shares the benefits of the POWER architecture optimized
for single-chip implementations. The architecture design facilitates parallel instruction execution and is
scalable to take advantage of future technological gains. For compatibility, the 601 also implements
instructions from the POWER user programming model that are not part of the PowerPC definition.
Part 3, “PowerPC 601 Microprocessor: Implementation,” describes the PowerPC architecture in general,
noting where the 601 differs. The organization of Part 3 follows the sequence of the chapters in the PowerPC
601 RISC Microprocessor User’s Manual as follows:
•
Features—Section 3.1, “Features,” describes general features that the 601 shares with the PowerPC
family of microprocessors. It does not list PowerPC features not implemented in the 601.
•
Registers and programming model—Section 3.2, “Registers and Programming Model,” describes
the registers for the operating environment architecture common among PowerPC processors and
describes the programming model. It also describes differences in how the registers are used in the
601 and describes the additional registers that are unique to the 601.
•
Instruction set and addressing modes—Section 3.3, “Instruction Set and Addressing Modes,”
describes the PowerPC instruction set and addressing modes for the PowerPC operating
environment architecture. It defines the PowerPC instructions implemented in the 601 as well as
additional instructions implemented in the 601 but not defined in the PowerPC architecture.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com