Electronic Components Datasheet Search
  English  ▼

X  

PPC604EXXXXX Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PPC604EXXXXX
Description  PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC604EXXXXX Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PPC604EXXXXX Datasheet HTML 18Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 19Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 20Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 21Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 22Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 23Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 24Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 25Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
22
PID9v-604e Hardware Specifications
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
1.8 System Design Information
This section provides electrical and thermal design recommendations for successful application of the 604e.
1.8.1 PLL Configuration
The 604e PLL is configured by the PLL_CFG[0–3] signals. For a given SYSCLK (bus) frequency, the PLL
configuration signals set the internal CPU and VCO frequency of operation. The PLL configuration for the
604e is shown in Table 11 for nominal frequencies.
Table 11. PowerPC 604e Microprocessor PLL Configuration
PLL_CFG[0–3]
CPU Frequency in MHz (VCO Frequency in MHz)
CPU/
SYSCLK
Ratio
VCO
Multiplier
Bus
25
MHz
Bus
33.3
MHz
Bus
40
MHz
Bus
50
MHz
Bus
60
MHz
Bus
66.6
MHz
Bus
75
MHz
1100
1.5:1
x2
—
—
—
—
—
100
(200)
112.5
(225)
0100
2:1
x2
—
—
—
100
(200)
120
(240)
133
(267)
150
(300)
0110
2.5:1
x2
—
—
100
(200)
125
(250)
150
(300)
166
(333)
187.5
(375)
1000
3:1
x2
—
100
(200)
120
(240)
150
(300)
180
(360)
200
(400)
225
(450)
1110
3.5:1
x2
—
116.6
(233)
140
(280)
175
(350)
210
(420)
233
(466)
—
1010
4:1
x2
100
(200)
133
(267)
160
(320)
200
(400)
——
—
1011
5:1
x2
125
(250)
166.5
(333)
200
(400)
——
—
—
1101
6:1
x2
150
(300)
200
(400)
——
—
—
—
0011
PLL bypass
1111
Clock off
Notes:
1. Some PLL configurations may select bus, CPU, or VCO frequencies which are not supported; see
Section 1.4.2.2, “Input AC Specifications,” for valid SYSCLK and VCO frequencies.
2. In PLL-bypass mode, the SYSCLK input signal clocks the internal processor directly, the PLL is disabled,
and the bus mode is set for 1:1 mode operation. This mode is intended for factory use only.
Note: The AC timing specifications given in this document do not apply in PLL-bypass mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com