Electronic Components Datasheet Search
  English  ▼

X  

PPC604EXXXXX Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PPC604EXXXXX
Description  PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC604EXXXXX Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PPC604EXXXXX Datasheet HTML 6Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 7Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 8Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 9Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 10Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 11Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 12Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 13Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
PID9v-604e Hardware Specifications
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Figure 1 provides the SYSCLK input timing diagram.
Figure 1. SYSCLK Input Timing Diagram
1.4.2.2 Input AC Specifications
Table 7 provides the input AC timing specifications as defined in Figure 2 and Figure 3 for 604e processors
operating at 166.67, 180, 200, 225, and 233 MHz core frequencies.
Table 7. Input AC Timing Specifications, 166.67–233 MHz1
Vdd = AVdd = 2.5
± 5% V dc, OVdd = 3.3 ± 5% V dc, GND = 0 V dc, 0 ≤ T
j ≤ 105 °C
Num
Characteristic
166.67 MHz
180, 200, 225,
and 233 MHz
Unit
Notes
Min
Max
Min
Max
7a
ARTRY, SHD, ABB, TS, XATS, AACK, BG,
DRTRY, TA, DBG, DBB, TEA, DBDIS, and DBWO
valid to SYSCLK (input setup)
3.5
—
3.25
—
ns
2
7b
All other inputs valid to SYSCLK (input setup)
2.25
—
2.0
—
ns
2
8
SYSCLK to all inputs invalid (input hold)
0.5
—
0.5
—
ns
9
Mode select input valid to HRESET (input setup
for DRTRY)
8 * tsysclk
—
8 * tsysclk
—
ns
3, 4, 5, 6
10
HRESET to mode select input invalid (input hold
for DRTRY)
0
—
0
—
ns
3, 4, 5, 6
Notes:
1. Input specifications are measured from the TTL level (0.8 or 2.0 V) of the signal in question to the 1.4 V of
the rising edge of the input SYSCLK. Input and output timings are measured at the pin (see Figure 2).
2. All other input signals include the following signals—all inputs except ARTRY, SHD, ABB, TS, XATS,
AACK, BG, DRTRY, TA, DBG, DBB, DBWO, DBDIS, TEA, and JTAG inputs.
3. The setup and hold time is with respect to the rising edge of HRESET (see Figure 3).
4. tsysclk is the period of the external clock (SYSCLK) in nanoseconds.
5. These values are guaranteed by design, and are not tested.
6. Note this is for configuration of the fast-L2 mode and the no-DRTRY mode.
VM
CVil
CVih
SYSCLK
2
3
4
VM = Midpoint Voltage (1.4 V)
4
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com