Electronic Components Datasheet Search
  English  ▼

X  

PPC604EXXXXX Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PPC604EXXXXX
Description  PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC604EXXXXX Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PPC604EXXXXX Datasheet HTML 2Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 3Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 4Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 5Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 6Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 7Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 8Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 9Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
PID9v-604e Hardware Specifications
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
1.4 Electrical and Thermal Characteristics
This section provides both the AC and DC electrical specifications and thermal characteristics for the 604e.
1.4.1 DC Electrical Characteristics
The tables in this section describe the 604e DC electrical characteristics. Table 1 provides the absolute
maximum ratings.
Table 2 provides the recommended operating conditions for the 604e.
Table 1. Absolute Maximum Ratings
Characteristic
Symbol
Value
Unit
Core supply voltage
Vdd
–0.3 to 2.75
V
PLL supply voltage
AVdd
–0.3 to 2.75
V
I/O supply voltage
OVdd
–0.3 to 3.6
V
Input voltage
Vin
–0.3 to 5.5
V
Storage temperature range
Tstg
–55 to 150
°C
Notes:
1. Functional and tested operating conditions are given in Table 2. Absolute maximum ratings are stress
ratings only, and functional operation at the maximums is not guaranteed. Stresses beyond those listed
may affect device reliability or cause permanent damage to the device.
2. Caution: Vin must not exceed OVdd by more than 2.5 V at all times including during power-on reset.
3. Caution: OVdd must not exceed Vdd/AVdd by more than 1.2 V at any time including during power-on reset.
4. Caution: Vdd/AVdd must not exceed OVdd by more than 0.4 V at any time including during power-on reset.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Value
Unit
Core supply voltage
Vdd
2.375 to 2.625
V
PLL supply voltage
AVdd
2.375 to 2.625
V
I/O supply voltage
OVdd
3.135 to 3.465
V
Input voltage
Vin
GND to 5.5
V
Die-junction temperature
Tj
0 to 105
°C
Note: These are the recommended and tested operating conditions. Proper device operation outside of these
conditions is not guaranteed.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com