Electronic Components Datasheet Search
  English  ▼

X  

PPC604EXXXXX Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PPC604EXXXXX
Description  PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC604EXXXXX Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PPC604EXXXXX Datasheet HTML 3Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 4Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 5Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 6Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 7Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 8Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 9Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 10Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
PID9v-604e Hardware Specifications
7
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Table 3 provides the thermal characteristics for the 604e.
Table 4 provides the DC electrical characteristics for the 604e.
Table 3. Thermal Characteristics
Characteristic
Symbol
Value
Rating
CBGA package thermal resistance, die junction-to-top-of-die (typical)
θ
JC
0.1
°C/W
CBGA package thermal resistance, die junction-to-ball (typical)
θ
JB
3.8
°C/W
Note: Refer to Section 1.8, “System Design Information,” for more details about thermal management.
Table 4. DC Electrical Specifications
Vdd = AVdd = 2.5
± 5% V dc, OVdd = 3.3 ± 5% V dc, GND = 0 V dc, 0 ≤ Tj ≤ 105 °C
Characteristic
Symbol
Min
Max
Unit
Input high voltage (all inputs except SYSCLK)
VIH
2.0
5.5
V
Input low voltage (all inputs except SYSCLK)
VIL
GND
0.8
V
SYSCLK input high voltage
CVIH
2.4
5.5
V
SYSCLK input low voltage
CVIL
GND
0.4
V
Input leakage current, Vin = 3.465 V
1
Vin = 5.5 V
1
Iin
—10
µA
Iin
—
245
µA
Hi-Z (off-state) leakage current, Vin = 3.465 V
1
Vin = 5.5 V
1
ITSI
—10
µA
ITSI
—
245
µA
Output high voltage, IOH = –9 mA
VOH
2.4
—
V
Output low voltage, IOL = 9 mA
VOL
—
0.4
V
Capacitance, Vin = 0 V, f = 1 MHz
2 (excludes TS, ABB, DBB,
and ARTRY)
Cin
—
10.0
pF
Capacitance, Vin = 0 V, f = 1 MHz
2 (for TS, ABB, DBB, and
ARTRY)
Cin
—
15.0
pF
Notes:
1. Excludes test signals (LSSD_MODE, L1_TSTCLK, L2_TSTCLK) and JTAG signals.
2. Capacitance values are guaranteed by design and characterization, and are not tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com