Electronic Components Datasheet Search
  English  ▼

X  

PPC604EXXXXX Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PPC604EXXXXX
Description  PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC604EXXXXX Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PPC604EXXXXX Datasheet HTML 22Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 23Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 24Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 25Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 26Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 27Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 28Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 29Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 30Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
28
PID9v-604e Hardware Specifications
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Figure 15. Thermalloy #2328B Heat Sink-to-Ambient Thermal Resistance Versus Airflow Velocity
Assuming an air velocity of 1 m/s, we have an effective
θ
sa of 5 °C/W, thus
Tj = 30 °C + 5 °C + (0.1 °C/W +1.0 °C/W + 5 °C/W) * 15 W,
resulting in a die-junction temperature of approximately 125
°C which exceeds the maximum operating
temperature of the component. To reduce the die junction temperature the designer has several options:
1. Increase the airflow velocity
2. Increase the surface area of the heat sink
3. Select a heat sink with an integrated cooling fan
Heat sinks offered by Chip Coolers, IERC, Thermalloy, Wakefield Engineering, and Aavid Engineering
offer different heat sink-to-ambient thermal resistances and air flow requirements.
Though the die junction-to-ambient and the heat sink-to-ambient thermal resistances are a common figure-
of-merit used for comparing the thermal performance of various microelectronic packaging technologies,
one should exercise caution when using only these metrics in determining thermal management because no
single parameter can adequately describe three-dimensional heat flow. The final die-junction operating
temperature is not only a function of the component-level thermal resistance, but the system-level design
and its operating conditions. In addition to the component's power consumption, a number of factors affect
the final operating die-junction temperature—airflow, board population (local heat flux of adjacent
components), heat sink efficiency, heat sink attach, heat sink placement, next-level interconnect technology,
system air temperature rise, altitude, etc.
Due to the complexity and the many variations of system-level boundary conditions for today's
microelectronic equipment, the combined effects of the heat transfer mechanisms (radiation, convection and
conduction) may vary widely. For these reasons, we recommend using conjugate heat transfer models for
1
3
5
7
8
0
0.5
1
1.5
2
2.5
3
3.5
Thermalloy #2328B Pin-fin Heat Sink
Approach Air Velocity (m/s)
(25 x 28 x 15 mm)
2
4
6
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com