Electronic Components Datasheet Search
  English  ▼

X  

PPC604EXXXXX Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PPC604EXXXXX
Description  PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC604EXXXXX Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PPC604EXXXXX Datasheet HTML 19Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 20Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 21Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 22Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 23Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 24Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 25Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 26Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
PID9v-604e Hardware Specifications
23
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
1.8.2 PLL Power Supply Filtering
The AVdd power signal is provided on the 604e to provide power to the clock generation phase-locked loop.
To ensure stability of the internal clock, the power supplied to the AVdd input signal should be filtered using
a circuit similar to the one shown in Figure 11. The circuit should be placed as close as possible to the AVdd
pin to ensure it filters out as much noise as possible.
Figure 11. PLL Power Supply Filter Circuit
1.8.3 Decoupling Recommendations
Due to the 604e’s dynamic power management feature, large address and data buses, and high operating
frequencies, the 604e can generate transient power surges and high frequency noise in its power supply,
especially while driving large capacitive loads. This noise must be prevented from reaching other
components in the 604e system, and the 604e itself requires a clean, tightly regulated source of power.
Therefore, it is recommended that the system designer place at least one decoupling capacitor at each Vdd
and OVdd pin of the 604e. It is also recommended that these decoupling capacitors receive their power from
separate Vdd, OVdd, and GND power planes in the PCB, utilizing short traces to minimize inductance.
These capacitors should vary in value from 220 pF to 10
µF to provide both high- and low-frequency
filtering, and should be placed as close as possible to their associated Vdd or OVdd pin. Suggested values
for the Vdd pins—220 pF (ceramic), 0.01
µF (ceramic), and 0.1 µF (ceramic). Suggested values for the
OVdd pins—0.01
µF (ceramic), 0.1 µF (ceramic), and 10 µF (tantalum). Only SMT (surface mount
technology) capacitors should be used to minimize lead inductance.
In addition, it is recommended that there be several bulk storage capacitors distributed around the PCB,
feeding the Vdd and OVdd planes, to enable quick recharging of the smaller chip capacitors. These bulk
capacitors should also have a low ESR (equivalent series resistance) rating to ensure the quick response time
necessary. They should also be connected to the power and ground planes through two vias to minimize
inductance. The suggested values for these bulk capacitors are 100
µF (AVX TPS tantalum) or 330 µF (AVX
TPS tantalum).
1.8.4 Connection Recommendations
To ensure reliable operation, it is recommended to connect unused inputs to an appropriate signal level.
Unused active low inputs should be tied to Vdd. Unused active high inputs should be connected to GND.
1.8.5 Thermal Management Information
This section provides thermal management information for the ceramic ball grid array (CBGA) package in
air-cooled applications. Proper thermal control design is primarily dependent upon the system-level
design—the heat sink, airflow and thermal interface material. To reduce the die-junction temperature, a heat
sink may be attached to the package by several methods through the use of an adhesive, a spring clip to holes
in the printed-circuit board, or a mounting clip and screw assembly; see Figure 12. For applications where
the heat sink is attached by a spring clip, the spring force should not exceed 5.5 pounds of force.
Vdd
AVdd
10
Ω
10
µF
0
.1
µF
GND
(2.5 V)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com