Electronic Components Datasheet Search
  English  ▼

X  

PPC604EXXXXX Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PPC604EXXXXX
Description  PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC604EXXXXX Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PPC604EXXXXX Datasheet HTML 4Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 5Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 6Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 7Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 8Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 9Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 10Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 11Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
PID9v-604e Hardware Specifications
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Table 5 provides the power consumption for the 604e.
1.4.2 AC Electrical Characteristics
This section provides the AC electrical characteristics for the 604e. After fabrication, parts are sorted by
maximum processor core frequency as shown in Section 1.4.2.1, “Clock AC Specifications,” and tested for
conformance to the AC specifications for that frequency. These specifications are for 166.67, 180, 200, 225,
and 233 MHz processor core frequencies. The processor core frequency is determined by the bus
(SYSCLK) frequency and the settings of the PLL_CFG[0–3] signals. Parts are sold by maximum processor
core frequency; see Section 1.9, “Ordering Information.”
Table 5. Power Consumption
CPU Clock:
SYSCLK
Processor Core Frequency
Unit
166
MHz
180
MHz
200
MHz
225
MHz
233
MHz
Full-On Mode
Typical
Maximum
12.4
13.5
14.5
15.9
16.7
W
13.3
14.3
15.7
17.4
18.0
W
Doze Mode
Typical
Maximum
1.1
1.1
1.1
1.1
1.2
W
1.2
1.2
1.3
1.3
1.3
W
Nap Mode
Typical
Maximum
0.8
0.8
0.9
0.9
0.9
W
1.1
1.1
1.1
1.1
1.1
W
Notes:
1. These values apply for all valid PLL_CFG[0–3] settings and do not include output driver power (OVdd)
or analog supply power (AVdd). OVdd power is system dependent but is typically
≤ 10% of Vdd. Worst-
case AVdd = 15 mW.
2. Typical power is an average value measured at Vdd = AVdd = 2.5 V, OVdd = 3.3 V, Ta = 25 °C in a
system executing typical applications and benchmark sequences. Typical power numbers should be
used in planning for proper thermal management.
3. Maximum power is measured at Vdd = AVdd = 2.625 V, OVdd = 3.465 V, Tj = 0 °C using a worst-case
instruction mix. These values should be used for power supply design.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com