Electronic Components Datasheet Search
  English  ▼

X  

PPC604EXXXXX Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PPC604EXXXXX
Description  PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC604EXXXXX Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PPC604EXXXXX Datasheet HTML 5Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 6Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 7Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 8Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 9Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 10Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 11Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 12Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
PID9v-604e Hardware Specifications
9
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
1.4.2.1 Clock AC Specifications
Table 6 provides the clock AC timing specifications as defined in Figure 1.
Table 6. Clock AC Timing Specifications
Vdd = AVdd = 2.5
± 5% V dc, OVdd = 3.3 ± 5% V dc, GND = 0 V dc, 0 ≤ T
j ≤ 105 °C
Num
Characteristic
166.67
MHz
180
MHz
200
MHz
225
MHz
233
MHz
Unit
Notes
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Processor
frequency
83.3 166.7
90
180
100
200
112
225
116
233
MHz
1
VCO frequency
166
33
180
360
200
400
225
450
233
466
MHz
1
SYSCLK (bus)
frequency
25
66
25
66
25
66
25
75
25
75
MHz
1, 6
1
SYSCLK cycle
time
15
40
15
40
15
40
13
40
13
40
ns
2, 3
SYSCLK rise and
fall time
1.0
2.0
1.0
2.0
1.0
2.0
1.0
2.0
1.0
2.0
ns
2
4
SYSCLK duty
cycle measured
at 1.4 V
40
60
40
60
40
60
40
60
40
60
%
3
SYSCLK jitter
—
±150
—
±150
—
±150
±150
±150
ps
4
604e internal
PLL-relock time
—
100
—
100
—
100
100
100
µs
3, 5
Notes:
1. Caution: The SYSCLK frequency and PLL_CFG[0–3] settings must be chosen such that the resulting
SYSCLK (bus) frequency, CPU (core) frequency, and PLL (VCO) frequency do not exceed their respective
maximum or minimum operating frequencies. Refer to the PLL_CFG[0–3] signal description in Section 1.8,
“System Design Information,” for valid PLL_CFG[0–3] settings.
2. Rise and fall times for the SYSCLK input are measured from 0.4 V to 2.4 V.
3. Timing is guaranteed by design and characterization, and is not tested.
4. The total input jitter (short term and long term combined) must be under
±150 ps to guarantee the input and
output timing shown in Section 1.4.2.2, “Input AC Specifications” and Section 1.4.2.3, “Output AC
Specifications.”
5. PLL-relock time is the maximum time required for PLL lock after a stable Vdd, OVdd, AVdd, and SYSCLK
are reached during the power-on reset sequence. Also note that HRESET must be held asserted for a
minimum of 255 bus clocks after the PLL-relock time (100
µs) during the power-on reset sequence.
6. AC timing specifications are tested up to the maximum SYSCLK frequency shown here. However, it is
theoretically possible to attain higher SYSCLK frequencies, if allowed for by system design or by using 604e
Fast Out mode (see Table 11 for details).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com