Electronic Components Datasheet Search
  English  ▼

X  

PPC604EXXXXX Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PPC604EXXXXX
Description  PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC604EXXXXX Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PPC604EXXXXX Datasheet HTML 9Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 10Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 11Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 12Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 13Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 14Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 15Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 16Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
PID9v-604e Hardware Specifications
13
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Rise time (all signals except
ARTRY, SHD, ABB, DBB, TS,
and XATS)
1.0
1.0
1.0
1.0
ns
6
Fall time (ARTRY, SHD, ABB,
DBB, TS, and XATS)
1.0
1.0
1.0
1.0
ns
6
Fall time (all signals except
ARTRY, SHD, ABB, DBB, TS,
and XATS)
1.0
1.0
1.0
1.0
ns
6
Notes:
1. All output specifications are measured from the 1.4 V of the rising edge of SYSCLK to the TTL level (0.8 V or
2.0 V) of the signal in question. Both input and output timings are measured at the pin (see Figure 4).
2. This minimum parameter assumes CL = 0 pF.
3. SYSCLK to output valid (5.5 V to 0.8 V) includes the extra delay associated with discharging the external
voltage from 5.5 V to 0.8 V instead of from 3.6 V to 0.8 V (5-V CMOS levels instead of 3.3-V CMOS levels).
4. tsysclk is the period of the external bus clock (SYSCLK) in nanoseconds (ns). When the unit is given as tsysclk
the numbers given in the table must be multiplied by the period of SYSCLK to compute the actual time
duration (in nanoseconds) of the parameter in question.
5. Fast Out mode (L2_TSTCLK = GND) improves output valid timing and reduces output hold times. The 604e
powers up in Compatibility mode in a 604 system (L2_TSTCLK = OVdd).
6. These specifications are nominal values.
7. These timing specifications are tested with drive mode signals configured with DRVMODE0 = low,
DRVMODE1 = high.
Table 8. Output AC Timing Specifications1 (Continued)
Vdd = AVdd = 2.5
± 5% V dc, OVdd = 3.3 ± 5% V dc, GND = 0 V dc, CL = 50 pF, 0 ≤ Tj ≤ 105 °C, Drive mode [01]7
Num
Characteristic
166.67 MHz
180, 200, 225, and 233 MHz
Unit Notes
Min
Max
Fast Out
Min/Max
Min
Max
Fast Out
Min/Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com