Electronic Components Datasheet Search
  English  ▼

X  

PPC604EXXXXX Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PPC604EXXXXX
Description  PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC604EXXXXX Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PPC604EXXXXX Datasheet HTML 7Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 8Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 9Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 10Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 11Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 12Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 13Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 14Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
PID9v-604e Hardware Specifications
11
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Figure 2 provides the input timing diagram for the 604e.
\
Figure 2. Input Timing Diagram
Figure 3 provides the mode select input timing diagram for the 604e.
Figure 3. Mode Select Input Timing Diagram
1.4.2.3 Output AC Specifications
The output specifications of the 604e for both driving high and driving low depend on the capacitive loading
on each output and the drive capability enabled for that output. Additionally, the timing specifications for
outputs driving low also depend on the voltage swing required to drive to 0.8 V (either 5.5 V to 0.8 V or
3.6 V to 0.8 V). Table 8 provides the output AC timing specifications for a 50 pF load. In order to derive the
actual timing specifications for a given set of conditions, it is recommended that IBIS simulation models be
used. Contact the local Motorola or IBM sales office for information on the availability of these models.
The 604e adds a Fast Out output mode which will allow for increased system bus frequencies. Table 8
provides the output AC timing specifications for the 604e (shown in Figure 4) operating in 604
Compatibility mode and Fast Out mode. 604e Fast Out mode is selected by driving the L2_TSTCLK pin to
GND during assertion of HRESET. When Fast Out mode is enabled, the output valid and output hold times
are reduced.
VM
SYSCLK
ALL INPUTS
VM = Midpoint Voltage (1.4 V)
7
8
DRTRY
HRESET
VM
VM = Midpoint Voltage (1.4 V)
10
9
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com