Electronic Components Datasheet Search
  English  ▼

X  

PPC604EXXXXX Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PPC604EXXXXX
Description  PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC604EXXXXX Datasheet(HTML) 5 Page - NXP Semiconductors

  PPC604EXXXXX Datasheet HTML 1Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 2Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 3Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 4Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 5Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 6Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 7Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 8Page - NXP Semiconductors PPC604EXXXXX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
PID9v-604e Hardware Specifications
5
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
— No-DRTRY mode eliminates the DRTRY signal from the qualified bus grant and allows read
operations. This improves performance on read operations for systems that do not use the
DRTRY signal. No-DRTRY mode makes read data available to the processor one bus clock
cycle sooner than if normal mode is used.
•
Multiprocessing support features include the following:
— Hardware enforced, four-state cache coherency protocol (MESI) for data cache. Bits are
provided in the instruction cache to indicate only whether a cache block is valid or invalid.
— Separate port into data cache tags for bus snooping
— Load/store with reservation instruction pair for atomic memory references, semaphores, and
other multiprocessor operations
•
Power management
— DOZE mode suspends instruction execution while allowing cache snooping
— NAP mode suspends all internal clocks except those required for decrementer, time base, and
interrupt logic
— Operating voltage of 2.5
± 0.125 V
•
Performance monitor can be used to help in debugging system designs and improving software
efficiency, especially in multiprocessor systems.
•
In-system testability and debugging features through JTAG boundary-scan capability
1.3 General Parameters
The following list provides a summary of the general parameters of the 604e:
Technology
0.35
µm CMOS, five-layer metal
Die size
12.9 mm x 11.7 mm (148 mm2)
Transistor count
5.1 million
Logic design
Fully-static
Package
255-lead ceramic ball grid array (CBGA)
Core power supply
2.5 V
± 5% V dc
I/O power supply
3.3 V
± 5% V dc
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com