Electronic Components Datasheet Search
  English  ▼

X  

SCR1021 Datasheet(PDF) 46 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 46 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 42Page - Sumida Corporation SCR1021 Datasheet HTML 43Page - Sumida Corporation SCR1021 Datasheet HTML 44Page - Sumida Corporation SCR1021 Datasheet HTML 45Page - Sumida Corporation SCR1021 Datasheet HTML 46Page - Sumida Corporation SCR1021 Datasheet HTML 47Page - Sumida Corporation SCR1021 Datasheet HTML 48Page - Sumida Corporation SCR1021 Datasheet HTML 49Page - Sumida Corporation SCR1021 Datasheet HTML 50Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 156 page
background image
46
1. Portable equipment
2. IP Phone
Application
1. Portable equipment
1. Portable equipment
: Max. 500kHz
: 9.0W (500kHz)
Operating Freq
Max. Operating Power
Specifications
CEEH1305
Application
: Max. 550mH
: Max. 500kHz
: 7.0W (100kHz)
: Max. 1.35mH
: Max. 500kHz
: 1.0W (100kHz), 2.7W (300kHz), 3.6W (500kHz)
Inductance
Operating Freq
Max. Operating Power
Specifications
CEFD1608
Application
Inductance
Operating Freq
Max. Operating Power
Specifications
CEPC105/MS
PROVISIONAL
PROVISIONAL
PROVISIONAL
About CEPC105/MS, CEE116, CEP79B
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
1. Portable equipment
2. IP Phone
: Max. 22mH
: Max. 500kHz
: 2.0W (100kHz), 4.0W (300kHz), 6.2W (500kHz)
Application
Inductance
Operating Freq
Max. Operating Power
Specifications
CEE116
1. Portable equipment
2. IP Phone
: 500
µH
: Max. 500kHz
: 3.0W (500kHz)
Application
Inductance
Operating Freq
Max. Operating Power
Specifications
CEP79B
DC-DC Converter Transformers < SMD type & Multiple Output Transformers >
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
Max. 13.2
Max. 5.3
10-0.6
8-20
10-0.3
15
17.2
0.35
6-3.75
Max. 16.7
Max. 8.7
1.2
3.75
10.5
Max. 6.3
12.2
Max. 10.0
1.9
11.0
10.0
Max. 6.8
Max. 13.0
2.6
9.0
8
-0.6
2.5
Max. 9.27
Max. 10.7
1.27
7.5
2.5
磁気構造図
外形寸法図
推奨ランド寸法
磁気構造図
外形寸法図
推奨ランド寸法
磁気構造図
外形寸法図
推奨ランド寸法
磁気構造図
外形寸法図
推奨ランド寸法
磁気構造図
外形寸法図
推奨ランド寸法
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com