Electronic Components Datasheet Search
  English  ▼

X  

SCR1021 Datasheet(PDF) 95 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 95 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 91Page - Sumida Corporation SCR1021 Datasheet HTML 92Page - Sumida Corporation SCR1021 Datasheet HTML 93Page - Sumida Corporation SCR1021 Datasheet HTML 94Page - Sumida Corporation SCR1021 Datasheet HTML 95Page - Sumida Corporation SCR1021 Datasheet HTML 96Page - Sumida Corporation SCR1021 Datasheet HTML 97Page - Sumida Corporation SCR1021 Datasheet HTML 98Page - Sumida Corporation SCR1021 Datasheet HTML 99Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 156 page
background image
95
EMC < Signal and DC Common Mode Choke Coils >
CSLF1205
About
CSFC86, CSLF1205
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
Specifications
Impedance Characteristics
Impedance Characteristics
PROVISIONAL
CSFC86
PROVISIONAL
Max. 0.2
Ω
CSLF1205-401C
500mA
Parts No.
D.C.R.
Rated current
400
µH ± 50%
Specifications
Max. 0.25
Ω
CSFC86-240C
500mA
Parts No.
D.C.R.
Rated current
Min. 24
µH
Inductance
@100kHz
Inductance
@100kHz
Application
Features
1. 2 in 1.
2. Common Mode Attenuation from 100kHz to 500MHz.
3. RoHS Compliance.
1. LAN and Telecom Equipments, Switches.
Application
Features
1. Low Profile.
2. 4 in 1.
3. Common Mode Attenuation from 10kHz to 500MHz.
4. RoHS Compliance.
1. LAN and Telecom Equipments, Switches.
FREQUENCY (Hz)
FREQUENCY (Hz)
Max. 11.0
Max. 0.64
0.5
Max. 7.1
Max. 2.54
7.62
2.54
1.27
8
7
6
5
1
2
3
4
0
500
1k
1.5k
2k
2.5k
3k
3.5k
4k
100k
1M
10M
100M
1G
Max. 23.5
Max. 2.79
Max. 18.03
Max. 13.97
17.78
0.40
2.54
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
0
200
400
600
800
1k
1.2k
1.4k
1.6k
1.8k
100k
1M
10M
100M
1G
DIMENSIONS (mm)
Schematics
Recommended land patterns(mm)
DIMENSIONS (mm)
Schematics
Recommended land patterns(mm)
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。
/ 仕様
/ インピーダンス特性
外形寸法図
結線図
推奨ランド図
/ インピーダンス特性
品名
直流抵抗
定格電流
/ 仕様
品名
直流抵抗
定格電流
外形寸法図
結線図
推奨ランド図
インダクタンス
インダクタンス
/ 用途
/ 特徴
1. 2回路一体型。
2. 100kHz∼500MHzのコモンモードノイズを減衰。
3. RoHS対応。
1. LAN、有線情報通信機器。
(スイッチャー等)
/ 用途
/ 特徴
1. 低背タイプ。
2. 4回路一体型。
3. 10kHz∼500MHzのコモンモードノイズを減衰。
4. RoHS対応。
1. LAN、有線情報通信機器。
(スイッチャー等)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com