Electronic Components Datasheet Search
  English  ▼

X  

SCR1021 Datasheet(PDF) 91 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 91 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 87Page - Sumida Corporation SCR1021 Datasheet HTML 88Page - Sumida Corporation SCR1021 Datasheet HTML 89Page - Sumida Corporation SCR1021 Datasheet HTML 90Page - Sumida Corporation SCR1021 Datasheet HTML 91Page - Sumida Corporation SCR1021 Datasheet HTML 92Page - Sumida Corporation SCR1021 Datasheet HTML 93Page - Sumida Corporation SCR1021 Datasheet HTML 94Page - Sumida Corporation SCR1021 Datasheet HTML 95Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 156 page
background image
91
DIMENSIONS (mm)
Schematics
Recommended land patterns(mm)
Specifications
Schematics
CBM6068
RATING
CONDITION
Max. 0.3
Ω
Max. 0.65A
DC 100V
Min. 100M
Ω
185
Ω (Typ.)
2.8
± 2.0dB
7.3
± 2.5dB
12.0
± 3.0dB
14.0
± 3.0dB
20
°C
-
0.5mA
1 minute.
100Vdc
1 minute.
100MHz
50MHz
100MHz
300MHz
500MHz
(1-8) to (2,3,4, CORE), (2-7) to (3,4, CORE) ,
(3-6) to (4, CORE), (4-5) to CORE
(1-8), (2-7), (3-6), (4-5)
(1-8) to (2,3,4, CORE), (2-7) to (3,4, CORE) ,
(3-6) to (4 CORE), (4-5) to CORE
ITEM
Idc
D.C.R
Insertion Loss
Common Mode Impedance
Withstand Voltage
Insulation Resistance
Specifications
CBM96
RATING
CONDITION
1000
Ω (Typ.)
1400
Ω (Typ.)
60m
Ω (Typ.)
1MHz, 0.1V
10MHz, 0.1V
at 20
°C
1-12
3-10
5-8
ITEM
Common Mode
Impedance
D.C.R (1-12), (3-10), (5-8)
1.6A
∆40°C
Rated Current (1-12), (3-10)
EMC < Common Mode Choke Coils for Communication >
( )
8-0.4
PIN1
6-1.27
3.05
6.4
0.57
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
1.5
8.0
Impedance Characteristics
Features
1. Multiterminal geometry and usable to 12pin.
2. Available for pulse transformer, impedance transformation, divider and common mode choke.
3. Glass type core and shielded type.
4. RoHS Compliance.
Max. 10.0
Max. 6.5
12.6
10.6
6
5
S
S
S
4
3
2
1
7
8
9
10
11
12
1.8
10.2
10
100
1k
10k
1M
10M
100M
0.1M
FREQUENCY (Hz)
/ 仕様
/ 結線図
直流電流
直流抵抗
挿入損失
コモンモードインピーダンス
耐電圧
絶縁抵抗
項目
条件
定格
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
/ 仕様
コモンモードインピーダンス
直流抵抗
定格電流
項目
条件
定格
/ インピーダンス特性
外形寸法図
推奨ランド寸法
/ 特徴
1. 多端子、12pin使用可能。
2. パルストランス、
インピーダンス変換、分配器、
コモンモード等の幅広い仕様展開が可能。
3. メガネコア、閉磁構造。
4. RoHS対応。
結線図



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com